Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PB
Description  EM Magnetic Particle Brake
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PB Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[ EM: Electromagnet ]
1.2
2.5
5
10
20
8.9
18
37
74
148
1.4
1.9
2.8
3.6
3.8
42
56
82
105
112
1800
1800
1800
1800
1800
100rpm
100
130
160
250
350
1000rpm
100
130
250
400
700
200
240
400
800
1400
0.3
0.5
1
1.4
1.5
0.2
0.3
0.6
1.1
1.6
15
20
25
30
35
152
182
218
290
335
133
156
195
242
278
15
24
39
88
141
[ Note 1 : Air flow specifications for forced heat dissipation ]
[ 1" = 25.4mm ]
Shaft Diameter [mm]
24
Rated Torque [ft-lbs]
Max Allowable Speed [rpm]
Max Natural Heat
Dissipation [W]
Max Forced Heat Dissipation [W]
Air Pressure¹ [kg/cm²]
Air Volume¹ [m²/min]
Outer Diameter [mm]
Axial Length [mm]
Weight [lbs]
EM Magnetic Particle Brake
Types: 1.2, 2.5, 5, 10, 20
PB
Coil
(75°C)
Voltage [DC-V]
Current [A]
Wattage [W]
PB


Similar Description - PB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMB ETC-AMB Datasheet
98Kb / 1P
Micro EM Brake
HB ETC-HB Datasheet
99Kb / 1P
EM Hysteresis Brake
OPB-120N ETC-OPB-120N Datasheet
100Kb / 1P
EM Magnetic Particle Brake
OPB-N ETC-OPB-N Datasheet
99Kb / 1P
EM Magnetic Particle Brake
OPC ETC-OPC Datasheet
110Kb / 1P
EM Magnetic Particle Clutch
OPC-40 ETC-OPC-40 Datasheet
113Kb / 1P
EM Magnetic Particle Clutch
PC ETC-PC Datasheet
69Kb / 1P
EM Magnetic Particle Clutch
RNB-0.2G ETC-RNB-0.2G Datasheet
155Kb / 1P
EM Spring-Applied Brake
TMB ETC-TMB Datasheet
136Kb / 1P
EM Brake
VBE ETC2-VBE Datasheet
107Kb / 1P
EM Brake
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com