Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PC
Description  EM Magnetic Particle Clutch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PC Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[ EM: Electromagnet ]
1.2
2.5
5
10
20
8.9 / 12
18 / 25
37 / 50
74 / 100
148 / 200
1.4
1.9
2.8
3.6
3.8
42
56
82
105
112
1800
1800
1800
1800
1800
100rpm
100
130
160
250
350
1000rpm
100
130
250
400
700
200
240
400
800
1400
0.3
0.5
1
1.4
1.5
02
03
06
11
16
EM Magnetic Particle Clutch
Types: 1.2, 2.5, 5, 10, 20
PC
Rated Torque [ft-lbs / N-m]
Max Allowable Speed [rpm]
Max Natural Heat
Dissipation [W]
24
Voltage [DC-V]
Current [A]
Wattage [W]
Max Forced Heat Dissipation [W]
Air Pressure¹ [kg/cm²]
Coil
(75°C)
Air Volume¹ [m²/min]
PC
0.2
0.3
0.6
1.1
1.6
15
20
25
30
35
152
182
218
290
335
192
230
294
360
408
17 / 8
28 / 13
43 / 20
94 / 43
158 / 72
[ Note 1 : Air flow specifications for forced heat dissipation ]
[ 1" = 25.4mm ]
Ogura Industrial
www.ogura-clutch.com
100 Randolph Rd.
info@ogura-clutch.com
Somerset NJ 08875
(732) 271-7361
Weight [lbs / kg]
B [mm]
C [mm]
Air Volume¹ [m²/min]
A [mm]
PC
Somerset, NJ 08875
(732) 271-7361
PC


Similar Description - PC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC ETC-AMC Datasheet
104Kb / 1P
Micro EM Clutch
MIC ETC-MIC Datasheet
188Kb / 2P
Micro EM Clutch
MMC ETC-MMC Datasheet
248Kb / 1P
EM Clutch
MMC-70E ETC-MMC-70E Datasheet
255Kb / 1P
EM Clutch
OPB-120N ETC-OPB-120N Datasheet
100Kb / 1P
EM Magnetic Particle Brake
OPB-N ETC-OPB-N Datasheet
99Kb / 1P
EM Magnetic Particle Brake
OPC ETC-OPC Datasheet
110Kb / 1P
EM Magnetic Particle Clutch
OPC-40 ETC-OPC-40 Datasheet
113Kb / 1P
EM Magnetic Particle Clutch
PB ETC-PB Datasheet
83Kb / 1P
EM Magnetic Particle Brake
VCE ETC2-VCE Datasheet
310Kb / 8P
EM Clutch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com