Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHT-D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PHT-D
Description  PM Hysteresis Torque Controller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PHT-D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PHT-D Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[ PM: Permanent Magnet ]
Body
Shaft
dh7
t
A
B
CH7
D
E
F
L
M
N
[ 1" = 25.4mm ]
PM Hysteresis Torque Controller
Types: 0.02, 0.05, 0.5
PHT
Torque Range [in-lbs]
0.5D
0.089 ~ 0.44
0.05D
0.012 ~ 0.062
0.02D
0.0049 ~ 0.031
Torque Range [gf-cm]
5.6 ~ 35.7
14.3 ~ 71.4
102 ~ 509.9
Max Slip Speed [rpm]
Max Slip Wattage [W]
3600
9.2
3600
2.65
3600
1.32
Shaft [mm]
Moment of Inertia (J)
[kg-cm²]
14
15.5
10
7.7
36
0.19
0.0375
8
45
24
Weight [lbs]
Dimensions
[mm]
2
M3
25.5
19.5
0.32
26
0.04
0.0009
5
5.5
1
M3
0.04
0.0028
5
15.5
10
4.5
4.5
26
1
0.11
4.5
35
21
14
M3
4.5
35
0.12
21
14
PHT-D


Similar Part No. - PHT-D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHT-D ETC-PHT-D Datasheet
75Kb / 1P
PM Hysteresis Torque Controller
More results

Similar Description - PHT-D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OPL-BN ETC-OPL-BN Datasheet
79Kb / 1P
PM Magnetic Particle Torque Limiter
OPL-BR ETC-OPL-BR Datasheet
78Kb / 1P
PM Magnetic Particle Torque Limiter
OPL-N ETC-OPL-N Datasheet
72Kb / 1P
PM Magnetic Particle Torque Limiter
OPL-R ETC-OPL-R Datasheet
91Kb / 1P
PM Magnetic Particle Torque Limiter
PET ETC-PET Datasheet
95Kb / 1P
PM Eddy-Current Torque Controller
PHT-1.2D ETC-PHT-1.2D Datasheet
73Kb / 1P
PM Hysteresis Torque Controller
PHT-D ETC-PHT-D Datasheet
75Kb / 1P
PM Hysteresis Torque Controller
PHT-S ETC-PHT-S Datasheet
60Kb / 1P
PM Hysteresis Torque Controller
PHT-1.2D ETC-PHT-1.2D Datasheet
73Kb / 1P
PM Hysteresis Torque Controller
PHT-S ETC-PHT-S Datasheet
60Kb / 1P
PM Hysteresis Torque Controller
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com