Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

61W Datasheet(PDF) 2 Page - DB Lectro Inc

Part # 61W
Description  PCB Mount
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

61W Datasheet(HTML) 2 Page - DB Lectro Inc

  61W Datasheet HTML 1Page - DB Lectro Inc 61W Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
60W-1C 0N0
60W-2C 0N0
C
P1(+)
P2(-)
A
B
P1(+)
P2(-)
1A
2A
1C
2C
1B
2B
UP
UP
60W-1C 0N0
(35.3)
1.39
MAX
(5- 0.6)
5- 0.024
C
(13.3)
0.524
MAX
1.1+0.012
-0.012
2-0.2
+0.012
-0.012
(27.94)
(2-5.08)
P1
P2
A
B
UP
60W-2C 0N0
(26.0)
1.024
MAX
1.61
MAX
(40.9)
(8- 0.6)
8- 0.024
1.4
+0.012
-0.012
(35.56)
(10.16)
P1
P2
1C
2C
2A
2B
1B
1A
0.4+0.012
-0.012
0.2 +0.012
-0.012
(5.08)
(5.08)
0.2+0.012
-0.012
UP
Note: Hg wet contacts must be mounted within 30 of vertical plane.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com