Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHT-S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PHT-S
Description  PM Hysteresis Torque Controller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PHT-S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PHT-S Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[ PM: Permanent Magnet ]
Max Slip Speed [rpm]
Max Slip Wattage [W]
0 103
Moment of Inertia (J) [kg-cm²]
0 0011
PHT
Torque Range [in-lbs]
Torque Range [gf-cm]
5.1 ~ 30.6
3
0.0044 ~ 0.027
2.5
0.02S
0.5S
0.0089 ~ 0.49
1800
0.05S
10.2 ~ 560.8
5.1 ~ 76.5
10000
0.0044 ~ 0.066
10000
PM Hysteresis Torque Controller
Types: 0.02, 0.05, 0.5
10
0 0048
PHT-S
d
t
A
B
C
D
H
L
M
N
P
S
[ 1" = 25.4mm ]
0.103
6
Moment of Inertia (J) [kg-cm²]
Shaft [mm]
5.5
0.0011
3
2.6
2
35
3.4
28
18
Weight [lbs / kg]
Dimensions
[mm]
14.5
2
0.2 / 0.1
11.3
26
40
56
8
0.13 / 0.06
22
12
0.8 / 0.3
8
16.7
10
2
28
32
3
34
16.5
30
3.4
2.6
36.5
31.5
4.4
56
70
0.0048
19.5
PHT-S
Ogura Industrial
www.ogura-clutch.com
100 Randolph Rd.
info@ogura-clutch.com
Somerset, NJ 08875
(732) 271-7361
PHT-S


Similar Part No. - PHT-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHT-S ETC-PHT-S Datasheet
60Kb / 1P
PM Hysteresis Torque Controller
More results

Similar Description - PHT-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OPL-BN ETC-OPL-BN Datasheet
79Kb / 1P
PM Magnetic Particle Torque Limiter
OPL-BR ETC-OPL-BR Datasheet
78Kb / 1P
PM Magnetic Particle Torque Limiter
OPL-N ETC-OPL-N Datasheet
72Kb / 1P
PM Magnetic Particle Torque Limiter
OPL-R ETC-OPL-R Datasheet
91Kb / 1P
PM Magnetic Particle Torque Limiter
PET ETC-PET Datasheet
95Kb / 1P
PM Eddy-Current Torque Controller
PHT-1.2D ETC-PHT-1.2D Datasheet
73Kb / 1P
PM Hysteresis Torque Controller
PHT-D ETC-PHT-D Datasheet
75Kb / 1P
PM Hysteresis Torque Controller
PHT-S ETC-PHT-S Datasheet
60Kb / 1P
PM Hysteresis Torque Controller
PHT-1.2D ETC-PHT-1.2D Datasheet
73Kb / 1P
PM Hysteresis Torque Controller
PHT-D ETC-PHT-D Datasheet
75Kb / 1P
PM Hysteresis Torque Controller
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com