Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMB-9 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PMB-9
Description  PM / EM Power-Off Brake
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PMB-9 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PMB-9 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[ PM: Permanent Magnet ] [ EM: Electromagnet ]
3*
4*
5*
6*
7*
9*
11*
3.5 / 0.4
11 / 1.2
22 / 2.5
79 / 9.0
44 / 5.0
106 / 12.0
266 / 30.1
6
8
12
20
20
18
22
E2H7
8
8
15
17
20
30
35
A1h9
38.5
62.5
75
80
90
115
132
A2h8
28
40
53
63
70
85.5
110
A3
28.5
4256637390
110
A4
30
45
56
66
70
90
110
C4
7.8
14.2
1715202530
E4H8
16
13
24
35
30
40
50
E5
17
16
24
27
30
40
49
E8
9
132432324352
E9
-
122327304049
G
0.15
0.15
0.2
0.2
0.25
0.25
0.3
K
4
6
6
6.5
8
10
10
N1
33.5
54
61
72
79.5
102
121
N2
19.5
294650607695
N5
22
32.5
4849617590
R
16
21
20.9
26.6
25.3
26.6
33
S1
10.5
17.5
20.5
19
24.2
30
36.2
S4
2.733.6
3.8
4.256.2
T
1.5
3
3
3
3.5
3.5
3.75
U1
2.6
3.5
4.5
4.5
5.5
6.5
6.5
U2
2.15
3.2
3.1
4.1
4.1
5.1
6.1
U7
M3
M3
M5
M5
M5
M5
M6
U11
M2
M2
M3
M4
M3
M3
M4
V
1.6
1.5
1.5
1.5
1.5
2
4.7
W1
5.3
12.2
13.5
11.5
15
20
24
W4
-
5.3
7
7.5
9.2
10
12.2
0.18 / 0.08 0.36 / 0.16 0.65 / 0.29
0.9 / 0.4
1.2 / 0.5
2.4 / 1.1
4.2 / 1.9
[ 1" = 25.4mm ]
* When ordering PM brakes select one of two different fields (A,B) and one of three different armatures (CL, CC, CR). Example: for
type 3 with an external field and a set screw hub (PMB-3-A-CC-24V). Please also specify required bore size.
Weight [lbs / kg]
Dimensions
[mm]
Coil
(20°C)
Voltage [DC-V]
Wattage [W]
Max Bore [mm]
24
PM / EM Power-Off Brake
Types: 3, 4, 5, 6, 7, 9, 11
PMB
Static Torque [in-lbs / N-m]
PMB


Similar Part No. - PMB-9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PMB-9 ETC-PMB-9 Datasheet
208Kb / 1P
PM / EM Power-Off Brake
logo
Protech Systems Co., Lt...
PMB-901LF PROTECHSYSTEMS-PMB-901LF Datasheet
698Kb / 2P
ATX MB supports Intel짰 Xeon짰 E3 V2 and 3rd Gen.
More results

Similar Description - PMB-9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMB ETC-AMB Datasheet
98Kb / 1P
Micro EM Brake
HB ETC-HB Datasheet
99Kb / 1P
EM Hysteresis Brake
MNB-1.2K ETC-MNB-1.2K Datasheet
187Kb / 1P
EM Spring-Applied Brake
PMB ETC-PMB Datasheet
208Kb / 1P
PM / EM Power-Off Brake
RNB-0.2G ETC-RNB-0.2G Datasheet
155Kb / 1P
EM Spring-Applied Brake
RNB-ZGN ETC-RNB-ZGN Datasheet
56Kb / 1P
EM Spring-Applied Brake
SNB-1.2K ETC-SNB-1.2K Datasheet
189Kb / 1P
EM Spring-Applied Brake
TMB ETC-TMB Datasheet
136Kb / 1P
EM Brake
TMB-H ETC-TMB-H Datasheet
129Kb / 1P
EM Brake (with hub)
VBE ETC2-VBE Datasheet
107Kb / 1P
EM Brake
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com