Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TMB
Description  EM Brake
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TMB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TMB Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[ EM: Electromagnet ]
0.6
1.2
2.5
5
10
20
4.4 / 6
8.9 / 12
18 / 24
37 / 50
74 / 100
148 / 200
0.5
0.65
0.92
1.35
1.6
2.2
Current [A]
Static Torque [ft-lbs / N-m]
Coil
EM Brake
Types: 0.6, 1.2, 2.5, 5, 10, 20
┌────────────────
[ Special Order ]────────────────┐
TMB
24
Voltage [DC-V]
TMB
0.5
0.65
0.92
1.35
1.6
2.2
48
37
26
18
15
11
12
15
22
33
38
53
10
16
16
25
40
55
10
10
24
25
35
62
42
46
51
56
78
95
5000
5000
4500
4000
3600
3000
0.5
1.5
4.8
14
45
136
0.5
0.6
0.7
0.8
1.2
1.5
2.9 x 107
6.6 x 107
13 x 107
26 x 107
62 x 107
120 x 107
13 x 107
25 x 107
49 x 107
88 x 107
170 x 107
320 x 107
A
67
86
108
136
170
215
C
3545536683
107
D+0.2/-0
35
45
52
65
80
107
E
62
82
100
125
156
200
F+0/-0.2
85
110
135
165
210
265
G
75
98
122
150
190
240
H
4.5
5.5
6.5
6.5
8.5
11
J
46607695
120
158
K
M3M4M5M6M8
M10
L
24.5
27.5
31.5
35
40
47.5
M
19.2
21.1
23.4
25.2
27.1
31.2
N
5.3
6.4
8.1
9.8
12.9
16.3
P
1.8
2.1
2.4
2.4
2.7
3
R
5.8
7
8.2
10.4
14
17.5
S
0.2~0.3
0.2~0.3
0.2~0.3
0.2~0.3
0.3~0.4
0.4~0.5
0.71 / 0.32
1.5 / 0.7
2.6 / 1.2
4.4 / 2.0
8.2 / 3.7
15 / 7
[ Included parts & accessories : bolts, washers, spacers, shims, surge protector ]
[ 1 inch = 25.4 mm ]
Ogura Industrial
www.ogura-clutch.com
100 Randolph Rd.
info@ogura-clutch.com
Max Allowable Speed [rpm]
Armature
Current [A]
Pull-In Time [ms]
Resistance [Ω]
Wattage [W]
Torque Build-Up Time [ms]
Release Time [ms]
Coil
(20°C)
Weight [lbs / kg]
Dimensions
[mm]
Moment of Inertia (J) [kg-cm²]
Total Energy Until Adjustment [J]
Total Energy Until Life [J]
Max Air Gap Until Adjustment [mm]
TMB
100 Randolph Rd.
info@ogura-clutch.com
Somerset, NJ 08875
(732) 271-7361
TMB


Similar Part No. - TMB

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
TMB EUROQUARTZ-TMB Datasheet
120Kb / 1P
TMB SERIES SYNCHRONOUS TIMING MODULES
logo
Electronic devices inc.
TMB EDI-TMB Datasheet
66Kb / 2P
These newly developed bridge assemblies are rated for 3-phase operation at 14,24
logo
List of Unclassifed Man...
TMB-0.6H ETC-TMB-0.6H Datasheet
129Kb / 1P
EM Brake (with hub)
TMB-0.6HI ETC-TMB-0.6HI Datasheet
126Kb / 1P
EM Brake (with inverted hub)
TMB-1.2H ETC-TMB-1.2H Datasheet
129Kb / 1P
EM Brake (with hub)
More results

Similar Description - TMB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMB ETC-AMB Datasheet
98Kb / 1P
Micro EM Brake
HB ETC-HB Datasheet
99Kb / 1P
EM Hysteresis Brake
MNB-0.2K ETC-MNB-0.2K Datasheet
103Kb / 1P
EM Spring-Applied Brake
MNB-1.2K ETC-MNB-1.2K Datasheet
187Kb / 1P
EM Spring-Applied Brake
MP-120 ETC-MP-120 Datasheet
93Kb / 1P
EM Clutch/Brake Unit
RNB-0.2G ETC-RNB-0.2G Datasheet
155Kb / 1P
EM Spring-Applied Brake
RNB-ZGN ETC-RNB-ZGN Datasheet
56Kb / 1P
EM Spring-Applied Brake
SNB-1.2K ETC-SNB-1.2K Datasheet
189Kb / 1P
EM Spring-Applied Brake
TMB-H ETC-TMB-H Datasheet
129Kb / 1P
EM Brake (with hub)
VBE ETC2-VBE Datasheet
107Kb / 1P
EM Brake
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com