Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PK3020KB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PK3020KB
Description  Notebook Peripheral Kit (Keypad, Mouse and Hub)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PK3020KB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PK3020KB Datasheet HTML 1Page - List of Unclassifed Manufacturers PK3020KB Datasheet HTML 2Page - List of Unclassifed Manufacturers PK3020KB Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Notebook Peripheral Kit (Keypad, Mouse and Hub) -
Notebook/Laptop Computer Peripheral Devices
MODEL NUMBER: PK3020KB
Description
Get the convenience of a notebook keypad, hub and mouse all in one handy case great for traveling students
and professionals.
Features
Get the convenience of a notebook keypad, hub and mouse all in one handy case great for traveling students
and professionals
Specifications
OVERVIEW
Model Type
Peripheral Kits
PRODUCT OVERVIEW
Product Overview
Notebook Peripheral Kit (Keyboard, Mouse, Hub)
PHYSICAL
Unit Dimensions (in.)
8.7 x 5.9 x 1.8 (L x W x H)
Unit weight (lbs)
0.66
Unit weight (kg)
0.30
Unit Dimensions (cm)
22.10 x 14.99 x 4.57
Color
Black & Silver
Highlights
Asynchronous USB numeric
keypad allows keypad to work
independently of the keypad on
your notebook
Mini optical USB mouse with 27"
retractable cord works on virtually
any surface and includes a quiet
scrolling wheel; 480 dpi
resolution and 450 mm/s tracking
speed
USB 2.0 4-port hub allows you to
connect up to four USB
peripherals to your notebook and
supports high-speed data
transfer rates
Compact, zippered case protects
contents and provides easy
portability
Applications
Notebook computers
System Requirements
Keypad: Windows
98/ME/2000/XP and USB port
Mouse: Windows
98SE/ME/2000/XP/NT and USB
port
Hub: Windows
98SE/ME/2000/XP and USB port
1 / 2


Similar Part No. - PK3020KB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PK3021LI ETC2-PK3021LI Datasheet
499Kb / 3P
Notebook Peripheral Kit (Light, Mouse and Hub)
More results

Similar Description - PK3020KB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8X930HX INTEL-8X930HX Datasheet
304Kb / 38P
UNIVERSAL SERIAL BUS HUB PERIPHERAL CONTROLLER
logo
PhaseLink Corporation
PLL702-05 PLL-PLL702-05 Datasheet
244Kb / 6P
Low EMI Peripheral Clock Generator for Notebook
logo
Texas Instruments
SPRUGM2A TI1-SPRUGM2A Datasheet
388Kb / 5P
Peripheral Explorer Kit Overview
TMDSPREX28335 TI1-TMDSPREX28335 Datasheet
430Kb / 5P
Peripheral Explorer Kit Overview
logo
List of Unclassifed Man...
IN3000WI ETC2-IN3000WI Datasheet
474Kb / 3P
Mini Optical Mouse - Notebook/Laptop Computer Peripheral Devices
IN3005KB ETC2-IN3005KB Datasheet
488Kb / 3P
Multimedia Keyboard - Notebook/Laptop Computer Peripheral Devices
PK3021LI ETC2-PK3021LI Datasheet
499Kb / 3P
Notebook Peripheral Kit (Light, Mouse and Hub)
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-5023-CY02 AVAGO-ADNK-5023-CY02 Datasheet
123Kb / 3P
Optical Mouse Designer?셲 Kit
logo
Broadcom Corporation.
ADNK-5023-CY02 BOARDCOM-ADNK-5023-CY02 Datasheet
112Kb / 3P
Optical Mouse Designer?셲 Kit
ADNK-6003-SP01 BOARDCOM-ADNK-6003-SP01 Datasheet
305Kb / 16P
Optical Mouse Designer?셲 Kit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com