Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1213 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SC1213
Description  Silicon NPN Epitaxial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC1213 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SC1213 Datasheet HTML 1Page - Hitachi Semiconductor 2SC1213 Datasheet HTML 2Page - Hitachi Semiconductor 2SC1213 Datasheet HTML 3Page - Hitachi Semiconductor 2SC1213 Datasheet HTML 4Page - Hitachi Semiconductor 2SC1213 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC1213, 2SC1213A
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
2SC1213
2SC1213A
Unit
Collector to base voltage
V
CBO
35
50
V
Collector to emitter voltage
V
CEO
35
50
V
Emitter to base voltage
V
EBO
44V
Collector current
I
C
500
500
mA
Collector power dissipation
P
C
400
400
mW
Junction temperature
Tj
150
150
°C
Storage temperature
Tstg
–55 to +150
–55 to +150
°C
Electrical Characteristics (Ta = 25°C)
2SC1213
2SC1213A
Item
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test conditions
Collector to base
breakdown voltage
V
(BR)CBO
35
—
—
50
—
—
V
I
C = 10 µA, IE = 0
Collector to emitter
breakdown voltage
V
(BR)CEO
35
—
—
50
—
—
V
I
C = 1 mA, RBE = ∞
Emitter to base
breakdown voltage
V
(BR)EBO
4—
—
4
—
—
V
I
E = 10 µA, IC = 0
Collector cutoff current
I
CBO
—
—
0.5
—
—
0.5
µAV
CB = 20 V, IE = 0
DC current tarnsfer ratio h
FE*
1
60
—
320
60
—
320
V
CE = 3 V, IC =10 mA
h
FE
10
—
—
10
—
—
V
CE = 3 V,
I
C = 500 mA*
2
Collector to emitter
saturation voltage
V
CE(sat)
—
0.2
0.6
—
0.2
0.6
V
I
C = 150 mA,
I
B = 15 mA*
2
Base to emitter voltage
V
BE
—
0.64
—
—
0.64
—
V
V
CE = 3 V, IC = 10 mA
Notes: 1. The 2SC1213 and 2SC1213A are grouped by h
FE as follows.
2. Pulse test
BC
D
60 to 120
100 to 200
160 to 320



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com