Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTS-R-6 Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # KTS-R-6
Description  KTS-R-600Vac, 1-600A, Fast-Acting Fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

KTS-R-6 Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  KTS-R-6 Datasheet HTML 1Page - Cooper Bussmann, Inc. KTS-R-6 Datasheet HTML 2Page - Cooper Bussmann, Inc. KTS-R-6 Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
0713
BU-SB13740
Page 3 of 3
Data Sheet # 1044
LIMITRON™ Class RK1 600V
The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is
intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Cooper Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any technical information
contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Current-Limitation Curves
600
100
60
30
400
200
1,000
400,000
100,000
10,000
RMS SYMMETRICAL CURRENTS IN AMPS
A–B=ASYMMETRICAL AVAILABLE PEAK (2.3 x SYMM RMS AMPS)
B
A
KTS-R — 600Vac, 1-600A, Fast-Acting Fuses
The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is
intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Cooper Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any technical information
contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com