Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTS-R-1 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # KTS-R-1
Description  KTS-R-600Vac, 1-600A, Fast-Acting Fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

KTS-R-1 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  KTS-R-1 Datasheet HTML 1Page - Cooper Bussmann, Inc. KTS-R-1 Datasheet HTML 2Page - Cooper Bussmann, Inc. KTS-R-1 Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
0713
BU-SB13740
Page 1 of 3
Data Sheet # 1044
LIMITRON™ Class RK1 600V
KTS-R — 600Vac, 1-600A, Fast-Acting Fuses
Description: Advanced protection Class RK1 current-limiting,
fast-acting fuses.
Catalog Symbol: KTS-R-(amp)
Ratings:
Volts — 600Vac
Amps — 1-600A
IR — 200kA Vac RMS Sym.
Agency Information:
CE, UL Listed, Std. 248-12, Class RK1, Guide JDDZ,
File E4273
CSA Certified, C22.2 No. 248.12, Class 1422-02, File 53787
Catalog Numbers (amps)
KTS-R-1
KTS-R-20
KTS-R-80
KTS-R-275
KTS-R-2
KTS-R-25
KTS-R-90
KTS-R-300
KTS-R-3
KTS-R-30
KTS-R-100
KTS-R-350
KTS-R-4
KTS-R-35
KTS-R-110
KTS-R-400
KTS-R-5
KTS-R-40
KTS-R-125
KTS-R-450
KTS-R-6
KTS-R-45
KTS-R-150
KTS-R-500
KTS-R-8
KTS-R-50
KTS-R-175
KTS-R-600
KTS-R-10
KTS-R-60
KTS-R-200
KTS-R-12
KTS-R-70
KTS-R-225
KTS-R-15
KTS-R-75
KTS-R-250
Carton Quantity and Weight
Amp Rating
Carton Qty.
1–30
10
40–60
10
70–100
1
110–200
1
225–400
1
450–600
1
Dimensions – in
Features:
• Single-element, fast-acting fuses with minimal time-delay
• Provides a high degree of short-circuit current-limitation
(component protection)
• Particularly suited for circuits and loads with no heavy surge
currents of motors, transformers, solenoids, and welders
• Commonly used to protect circuit breakers with lower inter-
rupting ratings.
• If used in circuits with surge currents (motors, etc.) must be
sized to prevent unwanted opening. It is recommended to
use an ultimate protection Low-Peak™ LPS-RK time-delay
fuse for inductive load applications.
• Incorporate Class R rejection feature. Can be inserted in
non-rejection type fuse holders to physically and electrically
replace fast-acting Class H, K1, K5, RK5, and other fast-
acting fuses.
Recommended Fuse Blocks
Fuse Amps
1-Pole
2-Pole
3-Pole
0-30
R60030-1
R60030-2
R60030-3
35-60
R60060-1
R60060-2
R60060-3
70-100
RM60100-1CR
RM60100-2CR
RM60100-3CR
110-200
RM60200-1CR
RM60200-2CR
RM60200-3CR
225-400
RM60400-1CR
RM60400-2CR
RM60400-3CR
450-600
RM60600-1CR
RM60600-2CR
RM60100-3CR
For additional information on 600 volt fuse blocks, see Data
Sheet # 1111 (1-60A) and product brochure # 3192 (70-600A).
Fuse Reducers For Class R Fuses
Equipment
Desired Fuse
Catalog Numbers
Fuse Clips
(Case) Size
(Pairs)
60A
30A
NO.663-R
100A
30A
NO.216-R
60A
NO.616-R
200A
60A
NO.626-R
200A
100A
NO.2621-R
400A
100A
NO.2641-R
200A
NO.642-R
100A
NO.2661-R
600A
200A
NO.2662-R
400A
NO.2664-R†
† Single reducer only (pair not required).
For additional information on Class R fuse reducers, see
Data Sheet # 1118.
1/10 to 30A
0.81" (± 0.008)
5"
(± 0.31)
1.0" (± 0.008)
70 to 100A
7.88"
(± 0.062)
35 to 60A
1.06" (± 0.008)
5.5"
(± 0.31)
450 to 600A
13.38"
(± 0.094)
1.5" (± 0.008)
2.0" (± 0.008)
2.5" (± 0.008)
110 to 200A
9.63"
(± 0.062)
225 to 400A
11.63"
(± 0.094)


Similar Part No. - KTS-R-1

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
KTS-01-B MSYSTEM-KTS-01-B Datasheet
105Kb / 3P
Plug-in Signal Conditioners K-UNIT
KTS-01-B/B MSYSTEM-KTS-01-B/B Datasheet
105Kb / 3P
Plug-in Signal Conditioners K-UNIT
KTS-01-B/BL MSYSTEM-KTS-01-B/BL Datasheet
105Kb / 3P
Plug-in Signal Conditioners K-UNIT
KTS-01-B/BN MSYSTEM-KTS-01-B/BN Datasheet
105Kb / 3P
Plug-in Signal Conditioners K-UNIT
KTS-01-B/K MSYSTEM-KTS-01-B/K Datasheet
105Kb / 3P
Plug-in Signal Conditioners K-UNIT
More results

Similar Description - KTS-R-1

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
KLM-8 COOPER-KLM-8 Datasheet
391Kb / 2P
13/32x 1-1/2 600Vac/dc Fast-acting supplemental fuses
JJS-60 COOPER-JJS-60 Datasheet
291Kb / 3P
JJS - 600Vac, 1-800A, Fast-Acting Fuses
JJS-40 COOPER-JJS-40 Datasheet
291Kb / 3P
JJS 600Vac, 1-800A, Fast-Acting Fuses
JKS-70 COOPER-JKS-70 Datasheet
219Kb / 3P
JKS ??600Vac, 70-600A, Fast-Acting Fuses
JKS-1 COOPER-JKS-1 Datasheet
224Kb / 3P
JKS ??600Vac, 1-60A, Fast-Acting Fuses
JJS-1 COOPER-JJS-1 Datasheet
289Kb / 3P
JJS ??600Vac, 1-800A, Fast-Acting Fuses
KTK-R-1 COOPER-KTK-R-1 Datasheet
677Kb / 6P
LIMITRON??KTK-R Class CC 600Vac, 1??0-30A, fast-acting fuses
logo
List of Unclassifed Man...
KTK-R-1-10 ETC2-KTK-R-1-10 Datasheet
677Kb / 6P
KTK-R Class CC 600Vac, 1??0-30A, fast-acting fuses
logo
Eaton All Rights Reserv...
KTK EATON-KTK Datasheet
279Kb / 2P
KTK 13??2? x 1-1??? 600Vac fast-acting supplemental fuses
KTK-R EATON-KTK-R Datasheet
677Kb / 6P
LIMITRON??KTK-R Class CC 600Vac, 1??0-30A, fast-acting fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com