Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1775 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SC1775
Description  Silicon NPN Epitaxial
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC1775 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SC1775 Datasheet HTML 1Page - Hitachi Semiconductor 2SC1775 Datasheet HTML 2Page - Hitachi Semiconductor 2SC1775 Datasheet HTML 3Page - Hitachi Semiconductor 2SC1775 Datasheet HTML 4Page - Hitachi Semiconductor 2SC1775 Datasheet HTML 5Page - Hitachi Semiconductor 2SC1775 Datasheet HTML 6Page - Hitachi Semiconductor 2SC1775 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2SC1775, 2SC1775A
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
2SC1775
2SC1775A
Unit
Collector to base voltage
V
CBO
90
120
V
Collector to emitter voltage
V
CEO
90
120
V
Emitter to base voltage
V
EBO
55V
Collector current
I
C
50
50
mA
Collector power dissipation
P
C
300
300
mW
Junction temperature
Tj
150
150
°C
Storage temperature
Tstg
–55 to +150
–50 to +150
°C
Electrical Characteristics (Ta = 25°C)
2SC1775
2SC1775A
Item
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test conditions
Collector to emitter
breakdown voltage
V
(BR)CEO
90
—
—
120
—
—
V
I
C = 1 mA, RBE = ∞
Collector cutoff current
I
CBO
—
—
0.5
—
—
—
µAV
CB = 75 V, IE = 0
——
——
—
0.5
µAV
CB = 100 V, IE = 0
DC current transfer ratio h
FE1*
1
400
—
1200 400
—
1200
V
CE = 12 V, IC = 2 mA
h
FE2
160
—
—
160
—
—
V
CE = 12 V,
I
C = 0.1 mA
Base to emitter voltage
V
BE
—
—
0.75
—
—
0.75
V
V
CE = 12 V, IC = 2 mA
Collector to emitter
saturation voltage
V
CE(sat)
—
—
0.5
—
—
0.5
V
I
C = 10 mA, IB = 1 mA
Gain bandwidth product f
T
—
200
—
—
200
—
MHz
V
CE = 12 V, IC = 2 mA
Collector output
capacitance
Cob
—
1.6
—
—
1.6
—
pF
V
CB = 25 V, IE = 0,
f = 1 MHz
Noise figure
NF
—
—
5.0
—
—
5.0
dB
V
CE = 6 V,
I
C = 50 µA,
R
g = 50 kΩ
f = 10
Hz
—
—
1.5
—
—
1.5
dB
f = 1
kHz
Note:
1. The 2SC1775/A is grouped by h
FE1 as follows.
EF
400 to 800
600 to 1200



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com