Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMART2200NET Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SMART2200NET
Description  SmartPro 2.2kVA Line Interactive UPS, Serial, 120V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMART2200NET Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SMART2200NET Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART2200NET Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART2200NET Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART2200NET Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART2200NET Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART2200NET Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Connected Equipment Insurance
(U.S., Canada & Puerto Rico)
$250,000 Ultimate Lifetime Insurance
Related Items
Optional Products
Model Number
Description
Qty.
BP24V28-2U
BP24V28-2U - External Battery Pack for UPS System
1
BP24V70-3U
BP24V70-3U - External Battery Pack for UPS System
1
WEXT5-2200-3000
5-Year Extended Warranty - For Smart Line-Interactive and Online Tower or Rack models,
2200-3000VA or less
1
PDU1215
Basic PDU / Power Distribution Unit - Safe, reliable power distribution for critical networking
equipment
1
PDUMH15
Metered PDU / Power Distribution Unit - Safe, reliable power distribution with digital current meter
1
PDUMNH15
Monitored PDU / Power Distribution Unit supports real-time remote monitoring of load level, voltage
and frequency with options for remote environmental and security monitoring
1
PDUMH15AT
Metered PDU with ATS - Power Distribution Unit with dual-input Auto Transfer Switching
1
PDUMH15ATNET
Switched, Metered PDU with ATS - Power Distribution Unit with dual-input Auto Transfer Switching,
individual outlet control and remote network interface
1
P007-002
2-ft. Heavy-Duty 14AWG Power cord
(IEC-320-C13 to NEMA 5-15P)
1
P007-006
6-ft. Heavy-Duty 14AWG Power cord
(IEC-320-C13 to NEMA 5-15P)
1
P007-010
10-ft. Heavy-Duty 14AWG Power cord
(IEC-320-C13 to NEMA 5-15P)
1
P010-012
12-ft. 18AWG Power cord
(NEMA 5-15P to IEC-320-C13)
1
P022-001
1-ft. 18AWG Power Extension cord
(NEMA 5-15R to NEMA 5-15P)
1
More information, including related products, owner's manuals, and additional technical specifications, can be found online at:
http://www.tripplite.com/sku/SMART2200NET.
© 2014 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
5 / 5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com