Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1906 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 2SC1906
Description  Silicon NPN Epitaxial Planar
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC1906 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SC1906 Datasheet HTML 1Page - Hitachi Semiconductor 2SC1906 Datasheet HTML 2Page - Hitachi Semiconductor 2SC1906 Datasheet HTML 3Page - Hitachi Semiconductor 2SC1906 Datasheet HTML 4Page - Hitachi Semiconductor 2SC1906 Datasheet HTML 5Page - Hitachi Semiconductor 2SC1906 Datasheet HTML 6Page - Hitachi Semiconductor 2SC1906 Datasheet HTML 7Page - Hitachi Semiconductor 2SC1906 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SC1906
4
0
4
12
8
20
16
8
4
Collector to Emitter Voltage VCE (V)
Gain Bandwidth Product Curve
12
16
20
f T=
1,000
MHz
500
600
200
0
600
400
1,200
1,000
800
3
1.0
0.1
0.3
Collector Current IC (mA)
Gain Bandwidth Product vs.
Collector Current
10
30
100
VCE = 10 V
f = 100 MHz
2
5
20
50
10
200
100
0.1
0.2
0.5
1.0
Collector Current IC (mA)
Base Time Constant vs.
Collector Currnt
25
10
VCB = 10 V
f = 31.8 MHz
0
2
4
8
6
12
10
46
8
2
Input Conductance gie (mS)
Input Admittance vs. Frequency
10
12
yie = gie+jbie
VCE = 9 V
f = 25 MHz
IC = 1 mA
2 mA 4 mA
8 mA
12 mA
50
100
200
250



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com