Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2324 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SC2324
Description  Silicon NPN Epitaxial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC2324 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SC2324 Datasheet HTML 1Page - Hitachi Semiconductor 2SC2324 Datasheet HTML 2Page - Hitachi Semiconductor 2SC2324 Datasheet HTML 3Page - Hitachi Semiconductor 2SC2324 Datasheet HTML 4Page - Hitachi Semiconductor 2SC2324 Datasheet HTML 5Page - Hitachi Semiconductor 2SC2324 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SC2324(K)
2
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to emitter breakdown
voltage
V
(BR)CEO
60
—
—
V
I
C = 1 mA, RBE = ∞
Emitter to base breakdown
voltage
V
(BR)EBO
7—
—
V
I
E = 0.1 mA, IC = 0
Collector cutoff current
I
CBO
——
10
µAV
CB = 60 V, IE = 0
DC current transfer ratio
h
FE
2000
—
—
V
CE = 10 V, IC = 500 mA*
1
Collector to emitter saturation
voltage
V
CE(sat)
—
—
1.5
V
I
C = 500 mA, IB = 0.5 mA*
1
Base to emitter saturation
voltage
V
BE(sat)
—
—
2.0
V
Turn on time
t
on
—
100
—
ns
V
CC = 12 V
Turn off time
t
off
—
600
—
ns
I
C = 250 mA, IB1 = –IB2 = 5 mA
Note:
1. Pulse test.
0
50
100
150
200
Case Temperature TC (°C)
Maximum Collector Dissipation Curve
2
4
6
8
10
0.03
0.1
0.3
3
1.0
Collector to emitter Voltage VCE (V)
1
2
5
10
20
50 100
Area of Safe Operation
Ta = 25
°C
1 Shot Pulse
DC (TC = 25°C)
iC (peak)
IC (max)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com