Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U215-004-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # U215-004-R
Description  4-Port USB 2.0 Hi-Speed Printer / Peripheral Sharing Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

U215-004-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  U215-004-R Datasheet HTML 1Page - List of Unclassifed Manufacturers U215-004-R Datasheet HTML 2Page - List of Unclassifed Manufacturers U215-004-R Datasheet HTML 3Page - List of Unclassifed Manufacturers U215-004-R Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4-Port USB 2.0 Hi-Speed Printer / Peripheral
Sharing Switch
MODEL NUMBER: U215-004-R
Description
Tripp Lite's 4-Port USB 2.0 Printer/Peripheral Sharing Switch lets you conveniently share a printer, scanner,
external hard drive, etc, among four PCs. Quickly switch between computers using keyboard hot-keys, mouse, or
manually. Plug-and-play functionality makes installation a breeze. Icon task bar indicates switch status at a
glance, and LED's display which computer is active. Power drawn through the USB cables eliminates the need
for seperate AC adapter.
Features
Share one printer or other external USB device between up to four computers
Supports data transfer rates to 480Mbps - Backward compatible to USB 1.1
Icon task bar indicates switch status
Active LED indicator displays which computer is active
No external power needed
One touch switching via push-button, mouse, or keyboard hot-key
Windows 7 and 8 (32/64 Bit) Compatible
Specifications
OVERVIEW
Intended Application
Connecting Peripherals
Cable Type
PRINTER
Model Type
Sharing Switches
UPC ASSIGNMENT
Highlights
One-touch port switching via a
mouse, hot-key or manually
Supports Hi-Speed USB 2.0
480Mbps data transfer rates
USB powered to eliminate the
need for AC power
Icon task bar indicates switch
status at a glance
Active LED indicator displays
which computer is active
Windows 7 and 8 (32/64 Bit)
Compatible
Applications
Notebook and desktop computers
System Requirements
Windows 98SE/2000/ME/ XP/
Vista / WIN7 / WIN8
Mac OS X 10.3 - 10.8
USB port
CD-ROM drive
Package Includes
U215-0004-R 4-port Peripheral
Sharing Device
USB cable
Software CD with user guide
1 / 3


Similar Part No. - U215-004-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U215 ETC2-U215 Datasheet
654Kb / 16P
MISCELLANEOUS HARDWARE-ACCESSORIES
U215 ETC2-U215 Datasheet
657Kb / 17P
TO CHANGE WITHOUT NOTICE ACCESSORIES
logo
C&K Components
U215 CK-COMPONENTS-U215 Datasheet
1Mb / 22P
Miniature Rocker Lever Handle Switches
logo
YORKVILLE
U215 YORKVILLE-U215 Datasheet
211Kb / 3P
Three-Way
logo
Tripp Lite. All Rights ...
U215004R TRIPPLITE-U215004R Datasheet
484Kb / 2P
4-Port USB 2.0 Hi-Speed Printer - Peripheral Sharing Switch
More results

Similar Description - U215-004-R

ManufacturerPart #DatasheetDescription
logo
PLX Technology
NET2280 PLX-NET2280 Datasheet
229Kb / 2P
PCI to USB 2.0 Hi-Speed Peripheral Controller
NET2282 PLX-NET2282 Datasheet
110Kb / 2P
PCI to USB 2.0 Hi-Speed Peripheral Controller
logo
SMSC Corporation
USB2534 SMSC-USB2534 Datasheet
889Kb / 62P
USB 2.0 Hi-Speed 4-Port Hub Controller
logo
Tripp Lite. All Rights ...
U215004R TRIPPLITE-U215004R Datasheet
484Kb / 2P
4-Port USB 2.0 Hi-Speed Printer - Peripheral Sharing Switch
U225004R TRIPPLITE-U225004R Datasheet
512Kb / 2P
4-Port USB 2.0 Hi-Speed Hub
logo
Microchip Technology
USB2534 MICROCHIP-USB2534 Datasheet
543Kb / 52P
USB 2.0 Hi-Speed 4-Port Hub Controller
03/25/14
logo
IOGEAR
GUB231 IOGEAR-GUB231 Datasheet
139Kb / 2P
2-Port USB 2.0 Automatic Printer Switch
GUB211W6 IOGEAR-GUB211W6 Datasheet
141Kb / 2P
2-Port USB 2.0 Printer Auto Sharing Switch
GUS402 IOGEAR-GUS402 Datasheet
148Kb / 2P
2x4 USB 2.0 Peripheral Sharing Switch
GUS404 IOGEAR-GUS404 Datasheet
173Kb / 2P
4x4 USB 2.0 Peripheral Sharing Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com