Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMB104T-R36MT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PCMB104T-R36MT
Description  Small Power Choke Coil
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCMB104T-R36MT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PCMB104T-R36MT Datasheet HTML 1Page - List of Unclassifed Manufacturers PCMB104T-R36MT Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PS 031* - *** M (S)
susumu group catalog
0.5
1.0
2.2
3.3
4.7
6.8
10.0
Rdc(m )
Typical
85
120
300
430
600
780
1200
100
150
350
500
700
900
1400
1.50
1.20
0.85
0.75
0.65
0.55
0.45
2.40
1.80
1.20
0.98
0.80
0.73
0.61
MAX.
PW type
2.2
3.3
4.7
6.8
10.0
Rdc(m )
Typical
90
130
170
200
300
105
150
200
230
340
1.30
1.20
1.00
0.90
0.80
1.10
0.90
0.75
0.65
0.52
MAX.
0.47
1.0
1.5
2.2
3.3
4.7
Rdc(m )
Typical
47
73
105
129
227
338
56
88
126
155
272
406
2.20
1.80
1.50
1.30
1.00
0.80
3.70
2.70
2.10
1.70
1.30
1.15
MAX.
0.10
0.22
0.47
1.00
1.50
2.20
Rdc(m )
Typical
3.5
6.0
12.5
24.0
38.0
52.0
4.0
6.6
12.0
27.0
46.0
58.0
12
9
7
4.5
4.0
3.0
22
13
9.5
7.0
6.0
5.0
MAX.
0.68
1.0
1.2
1.5
2.2
3.3
Rdc(m )
Typical
11.0
13.0
15.0
18.0
29.0
32.0
12.0
14.0
16.0
20.0
35.0
38.0
8.5
7.0
6.5
6.0
5.5
5.0
14.0
11.0
11.0
10.0
9.0
7.0
MAX.
0.10
0.22
0.47
1.00
Rdc(m )
Typical
4.5
7.3
14.0
32.0
5.0
8.0
15.5
36.0
11
9
6
3.8
30
17
11.5
8.5
MAX.
2.2
4.7
6.8
10.0
Rdc(m )
Typical
75
120
160
260
90
140
190
300
1.40
1.20
1.00
0.90
1.10
0.77
0.67
0.54
MAX.
2.2
3.3
4.7
6.8
Rdc(m )
Typical
80
100
120
180
95
120
145
216
1.30
1.10
1.00
0.84
1.70
1.40
1.15
1.00
MAX.
PCMC(B) type
PS type
Dimension
(mm)
PCMC053T
L
W
T
A
A1
B
B1
5.2max.
4.7 0.2
3.0max.
1.5 0.1
1.0 0.3
1.8 0.2
PCMC(B)042T
4.5max.
4.0 0.3
2.0max.
1.0 0.1
0.8 0.3
2,2 0.2
1.5 0.3
Dimension
(mm)
PS041B
L
W
P
T
PW
021T Type 25201B Type
1.9 0.2
1.9 0.2
1.0 0.1
1.95 0.1
2.45 0.1
1.2 0.1
0.4 0.2
PS031
031T Type 031B Type
2.9 0.2
2.9 0.2
0.75 0.2
3.8 0.2
3.8 0.2
1.0 0.2
1.2 0.1
1.0 0.1
1.2 0.1
Materials
: Materials; refer to electrical
characteristics table.
Resistance Tolerance
20%
Inductance value
Part Code
Dimensions
: B (2.9mm*2.9mm*1.2mm)
: T (2.9mm*2.9mm*1.0mm)
Rated current
: Current that will increase temperature by 40 C
Saturating current : The current that decreases inductance by 30%
for PS and PW. 20% for PCMC (B)
Packaging
: 2,000 piece reel for PW, PS031T(B),
1000 piece reel for PCMC042T, PCMC053T
R50
1R0
2R2
3R3
4R7
6R8
100
PW021T-***MS
2R2
3R3
4R7
6R8
100
PS031T-***MS
R47
1R0
1R5
2R2
3R3
4R7
PW25201BT-***MS
R10
R22
R47
1R0
1R5
2R2
PCMB042T-***MS
R68
1R0
1R2
1R5
2R2
3R3
PCMC053T-***MN
R10
R22
R47
1R0
PCMC042T-***MN
2R2
4R7
6R8
100
PS031B-***MS
2R2
3R3
4R7
6R8
PS041B-***MS
A
L
W
T
B
B1
A1
PCMC(B) Type
PW.PS Type
PCMC(B) Type
PW.PS Type
T
W
P
L
Small Power Choke Coil
PCMC(B) series, PW.PS series
Low DCR, small size with high
current capability, high efficiency
and low loss.
SPECIFICATIONS
PART NUMBER
Small electronics equipment for
communication, information,
imaging, audio etc.
Applications
Completely lead free
RoHS compliant
Mechanical
Electrical
L0( H)
Inductance
Rated current
(A)
Saturation current
(A)
L0( H)
Inductance
Rated current
(A)
Saturation current
(A)
L0( H)
Inductance
Rated current
(A)
Saturation current
(A)
L0( H)
Inductance
Rated current
(A)
Saturation current
(A)
L0( H)
Inductance
Rated current
(A)
Saturation current
(A)
L0( H)
Inductance
Rated current
(A)
Saturation current
(A)
L0( H)
Inductance
Rated current
(A)
Saturation current
(A)
L0( H)
Inductance
Rated current
(A)
Saturation current
(A)


Similar Part No. - PCMB104T-R36MT

ManufacturerPart #DatasheetDescription
logo
Cyntec Co., Ltd.
PCMB104T-R36MT CYNTEC-PCMB104T-R36MT Datasheet
91Kb / 5P
Power Choke Coil PCMB104T type
More results

Similar Description - PCMB104T-R36MT

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ETQP6F2R5BFA PANASONIC-ETQP6F2R5BFA Datasheet
524Kb / 2P
Power Choke Coil
PCC-F126F PANASONIC-PCC-F126F Datasheet
220Kb / 2P
Power Choke Coil
ETQP1H0R6BFA PANASONIC-ETQP1H0R6BFA Datasheet
120Kb / 2P
Power Choke Coil
ETQP3LR33XFN PANASONIC-ETQP3LR33XFN Datasheet
481Kb / 3P
Power Choke Coil
ETQP4LR36AFC PANASONIC-ETQP4LR36AFC Datasheet
66Kb / 2P
Power Choke Coil
logo
KOA Speer Electronics, ...
SDS1205TTEB2R5M KOA-SDS1205TTEB2R5M Datasheet
325Kb / 5P
power choke coil
logo
Panasonic Semiconductor
ETQ-P2H0R7BFA PANASONIC-ETQ-P2H0R7BFA Datasheet
77Kb / 2P
Power Choke Coil
ETQ-P3H0R8BFA PANASONIC-ETQ-P3H0R8BFA Datasheet
86Kb / 2P
Power Choke Coil
ETQ-P3W4R7WFN PANASONIC-ETQ-P3W4R7WFN Datasheet
81Kb / 2P
Power Choke Coil
logo
List of Unclassifed Man...
PCMC053T ETC2-PCMC053T Datasheet
88Kb / 1P
Small Power Choke Coil
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com