Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2471 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 2SC2471
Description  Silicon NPN Epitaxial
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC2471 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SC2471 Datasheet HTML 1Page - Hitachi Semiconductor 2SC2471 Datasheet HTML 2Page - Hitachi Semiconductor 2SC2471 Datasheet HTML 3Page - Hitachi Semiconductor 2SC2471 Datasheet HTML 4Page - Hitachi Semiconductor 2SC2471 Datasheet HTML 5Page - Hitachi Semiconductor 2SC2471 Datasheet HTML 6Page - Hitachi Semiconductor 2SC2471 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SC2471
4
12
20
816
4
Collector Current IC (mA)
0
50
40
30
20
10
Base Time Constant vs.Collector Current
VCB = 10 V
f = 31.8 MHz
100
200
500
1,000
Frequency f (MHz)
100
50
20
10
5
2
0.5
0.2
0.1
1.0
Input Admittance vs. Frequency
bib
gib
VCB = 10 V
IC = 5 mA
Common Base
yib = gib + jbib
1,000
500
200
100
Frequency f (MHz)
100
20
10
5
2
1.0
0.5
0.2
0.1
50
Output Admittance vs. Frequency
VCB = 10 V
IC = 5 mA
Common Base
yob = gob + jbob
bob
gob
1,000
100
500
200
Frequency f (MHz)
100
60
40
20
0
–20
–40
–60
–80
–100
80
Forward Transfer Admittance vs.
Frequency
VCB = 10 V
IC = 5 mA
Common Base
yfb = gfb + jbfb
bfb
gfb



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com