Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM7211 Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM7211
Description  Top Port Digital Silicon Microphone
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM7211 Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM7211 Datasheet HTML 6Page - Wolfson Microelectronics plc WM7211 Datasheet HTML 7Page - Wolfson Microelectronics plc WM7211 Datasheet HTML 8Page - Wolfson Microelectronics plc WM7211 Datasheet HTML 9Page - Wolfson Microelectronics plc WM7211 Datasheet HTML 10Page - Wolfson Microelectronics plc WM7211 Datasheet HTML 11Page - Wolfson Microelectronics plc WM7211 Datasheet HTML 12Page - Wolfson Microelectronics plc WM7211 Datasheet HTML 13Page - Wolfson Microelectronics plc WM7211 Datasheet HTML 14Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Pre-Production
WM7211
w
PP, Rev 3.1, January 2014
13
REVISION HISTORY
DATE
REV
ORIGINATOR
CHANGES
31/01/11
2.0
PF
First Release
18/02/11
2.0
JMacD
Confidential added to headers and footers
26/04/11
2.1
KC
Updated the PSRR, sleep mode, start up time from off
Updated frequency response curve and the +3dB point to 17000hz
Updated the THD %
Updated all the LRSEL description , and figure 1
Added the notes on
Updated reel quantity
27/04/11
2.1
JMacD
Current consumption / Active Mode changed to 650 μA
02/05/11
2.2
JMacD
Package Drawing updated.
20/12/11
2.3
KC
Introduced E variant with sensitivity +/-1dB
Added E variant ordering info
Added voltage range digital input
Updated the CODEC to WM8994
Added Reference to WAN_0273
19/01/12
2.3
JMacD
Package Diagram updated to DM096C – formatting updates.
23/08/12
2.4
JMacD
Package Diagram updated to DM096D
16/05/13
2.5
JMacD
Package Diagram updated to DM096E
08/11/13
3.1
JMacD
Product Status updated to Pre Production
Updated CODEC reference to WM8280.
18/12/13
3.1
MR
Acoustic and Electrical Characteristics updated: Polarity and Note added.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com