Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8580AGEFTV Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8580AGEFTV
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580AGEFTV Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8580AGEFTV Datasheet HTML 3Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 4Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 5Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 6Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 7Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 8Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 9Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 10Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 106 page
background image
Production Data
WM8580A
w
PD, Rev 4.9, November 2013
7
Notes for MFP1:
ADC_CLKSEL selected in REG 8, default is ADC_MCLK.
PAIFTXMS_CLKSEL selects PLLACLK if PAIF sources SPDIF Rx, otherwise PAIFTXMS_CLKSEL selects ADC_CLK
(register 8)
3.
MFP2 usage can be described as follows:
IF
(ADC_CLKSEL ≠ ADCMCLK)
(controlled by reg 8)
AND
(TX_CLKSEL ≠ ADCMCLK)
(controlled by reg 8)
AND
(SAIFMS_CLKSEL ≠ ADCMCLK) THEN
(controlled by reg 8)
MFP2 = GPO2;
ELSE
MFP2 = ADCMCLK;
PIN FUNCTION
TYPE
DESCRIPTION
PAIFTX_BCLK
Digital Input/Output
Primary Audio Interface Transmitter (PAIFTX) Bit Clock
ADCMCLK
Digital Input
Master ADC clock; 256fs, 384fs, 512fs ,786fs, 1024fs or 1152fs
SAIF_DIN
Digital Input
Secondary Audio Interface (SAIF) Receiver data input
SAIF_DOUT
Digital Output
Secondary Audio Interface (SAIF) Transmitter data output
SAIF_BCLK
Digital Input/Output
Secondary Audio Interface (SAIF) Bit Clock
SAIF_LRCLK
Digital Input/Output
Secondary Audio Interface (SAIF) Left/Right Word Clock
SPDIFIN2/3/4
Digital Input
S/PDIF Receiver Input
GPO1 – GPO10
Digital Output
General Purpose Output
DR1/2/3/4
Digital Input
Internal Digital Routing Configuration in Hardware Mode
ALLPD
Digital Input
Chip Powerdown in Hardware Mode
C
Digital Output
Recovered channel-bit for current S/PDIF sub-frame
SFRM_CLK
Digital Output
Indicates current S/PDIF sub-frame:
1 = Sub-frame A
0 = Sub-frame B
192BLK
Digital Output
Indicates start of S/PDIF 192-frame block. High for duration of frame 0.
Table 2 Multi-Function Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com