Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2613 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 2SC2613
Description  Silicon NPN Triple Diffused
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC2613 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SC2613 Datasheet HTML 1Page - Hitachi Semiconductor 2SC2613 Datasheet HTML 2Page - Hitachi Semiconductor 2SC2613 Datasheet HTML 3Page - Hitachi Semiconductor 2SC2613 Datasheet HTML 4Page - Hitachi Semiconductor 2SC2613 Datasheet HTML 5Page - Hitachi Semiconductor 2SC2613 Datasheet HTML 6Page - Hitachi Semiconductor 2SC2613 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SC2613
4
Collector to emitter Voltage VCE (V)
0
Typical Output Characteristics
1
2
3
4
5
12345
TC = 25°C
IB = 0
0.05 A
0.1
0.2
0.3
0.5
0.4
Base to emitter voltage VBE (V)
0
0.4
0.8
1.2
1.6
2.0
1
2
3
4
5
Typical Transfer Characteristics
TC = 25°C
VCE = 5 V
1
3
10
30
100
Collector current IC (A)
0.01 0.03
0.1
0.3
1.0
3
10
DC Current Transfer Ratio vs.
Collector Current
VCE = 5 V
TC = –25
°C
25
°C
75
°C
0.01
0.03
0.1
0.3
1.0
3
10
2 A
1 A
Base current IB (A)
0.01 0.03
0.1
0.3
1.0
3
10
Collector to Emitter Saturation
Voltage vs. Base Current
TC = 25°C
IC = 0.5 A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com