Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2736 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # 2SC2736
Description  Silicon NPN Epitaxial
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC2736 Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button 2SC2736 Datasheet HTML 2Page - Hitachi Semiconductor 2SC2736 Datasheet HTML 3Page - Hitachi Semiconductor 2SC2736 Datasheet HTML 4Page - Hitachi Semiconductor 2SC2736 Datasheet HTML 5Page - Hitachi Semiconductor 2SC2736 Datasheet HTML 6Page - Hitachi Semiconductor 2SC2736 Datasheet HTML 7Page - Hitachi Semiconductor 2SC2736 Datasheet HTML 8Page - Hitachi Semiconductor 2SC2736 Datasheet HTML 9Page - Hitachi Semiconductor 2SC2736 Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
2SC2736
6
VHF Conversion Gain (CG1) : Noise Figure Test Circuit
VCC
VBB
L1
L3
L4
L2 56 p
4.2 p
330
18 p
560
80 p
27 p
2,200 p
2,200 p
2,200 p
1.5 p
f = 200 MHz
Unit C : F
R :
Ω
L1 : φ0.5 mm Enameled Copper Wire
4 Turns inside dia
φ5 mm
L2 : φ0.5 mm Enameled Copper Wire
4 Turns inside dia
φ4 mm
L3 : φ0.2 mm Enameled Copper Wire
6 Turns inside dia
φ3 mm
L4 : Outside dia φ5 mm Bobbin,
φ0.2 mm Enameled Copper Wire
16 Turns Using Ferrite bead.
fosc = 230 MHz
(0 dBm)
fout = 30 MHz
RL = 50 Ω
Ferrite Bead
D.U.T.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com