Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27C4002 Datasheet(PDF) 15 Page - STMicroelectronics

Part # M27C4002
Description  4 Mbit (256Kb x16) UV EPROM and OTP EPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C4002 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M27C4002 Datasheet HTML 11Page - STMicroelectronics M27C4002 Datasheet HTML 12Page - STMicroelectronics M27C4002 Datasheet HTML 13Page - STMicroelectronics M27C4002 Datasheet HTML 14Page - STMicroelectronics M27C4002 Datasheet HTML 15Page - STMicroelectronics M27C4002 Datasheet HTML 16Page - STMicroelectronics M27C4002 Datasheet HTML 17Page - STMicroelectronics M27C4002 Datasheet HTML 18Page - STMicroelectronics M27C4002 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
M27C4002
DC and AC parameters
15/24
Table 9.
Read Mode AC Characteristics 1(1)(2)
Symbol
Alt
Parameter
Test Condition
M27C4002
Unit
- 45(3)
-60 (3)
-70
MinMax
MinMax
MinMax
tAVQV
tACC
Address Valid to
Output Valid
E = VIL, G = VIL
45
60
70
ns
tELQV
tCE
Chip Enable Low to
Output Valid
G = VIL
45
60
70
ns
tGLQV
tOE
Output Enable Low
to Output Valid
E = VIL
25
30
35
ns
tEHQZ
(4)
tDF
Chip Enable High to
Output Hi-Z
G = VIL
0300
30
030
ns
tGHQZ
(4)
tDF
Output Enable High
to Output Hi-Z
E = VIL
0300
30
030
ns
tAXQX
tOH
Address Transition
to Output Transition
E = VIL, G = VIL
00
0
ns
1.
TA = 0 to 70°C or –40 to 85°C; VCC = 5V ± 5% or 5V ± 10%; VPP = VCC.
2.
VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
3.
Speed obtained with High Speed AC measurement conditions.
4.
Sampled only, not 100% tested.
Table 10.
Read Mode AC Characteristics 2(1)(2)
Symbol
Alt
Parameter
Test Condition
M27C4002
Unit
-80
-90
-10
Min
Max
Min
Max
Min
Max
tAVQV
tACC
Address Valid to Output
Valid
E = VIL, G = VIL
80
90
100
ns
tELQV
tCE
Chip Enable Low to
Output Valid
G = VIL
80
90
100
ns
tGLQV
tOE
Output Enable Low to
Output Valid
E = VIL
40
40
50
ns
tEHQZ
(3)
tDF
Chip Enable High to
Output Hi-Z
G = VIL
0
300
30
030
ns
tGHQZ
(3)
tDF
Output Enable High to
Output Hi-Z
E = VIL
0
300
30
030
ns
tAXQX
tOH
Address Transition to
Output Transition
E = VIL, G = VIL
00
0
ns
1.
TA = 0 to 70°C or –40 to 85°C; VCC = 5V ± 5% or 5V ± 10%; VPP = VCC.
2.
VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
3.
Sampled only, not 100% tested.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com