Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7262 Datasheet(PDF) 2 Page - NEC

Part # LD7262
Description  6 GHz, 750 W CW, CONDUCTION COOLING, HIGH POWER GAIN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LD7262 Datasheet(HTML) 2 Page - NEC

  LD7262 Datasheet HTML 1Page - NEC LD7262 Datasheet HTML 2Page - NEC LD7262 Datasheet HTML 3Page - NEC LD7262 Datasheet HTML 4Page - NEC LD7262 Datasheet HTML 5Page - NEC LD7262 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LD7262 SERIES
2
DATA SHEET ET0475EJ1V0DS00
GENERAL CHARACTERISTICS
ELECTRICAL
Frequency ……………………………………………… 5.85 to 6.45 GHz
5.85 to 7.1 GHz
Output Power ………………………………………… 750 W (5.85 to 6.45 GHz)
700 W (5.85 to 7.1 GHz)
Heater Voltage ………………………………………… 6.3 V
Heater Current ………………………………………… 1.6 A
Type of Cathode ……………………………………… Indirectly heated, Impregnated
Cathode Warm-up Time
…………………………… 180 s
MECHANICAL
Dimensions …………………………………………… See Outline Drawing
Weight ………………………………………………… 4.0 kg approx.
Focusing
……………………………………………… Periodic Permanent Magnet
Mounting Position …………………………………… Any
Electrical Connections ……………………………… Flying Leads
RF Connections
Input ………………………………………………… SMA Female
Output ……………………………………………… CPR-137 Flange
Cooling ………………………………………………… Conduction
ABSOLUTE RATINGS (Note 1, 2 and 3 )
ELECTRICAL
Min.
Max.
Unit
Heater Voltage ………………………………………
6.0
6.6
V
Heater Surge Current
……………………………
–
5.0
A
Heater Current ………………………………………
–
1.8
A
Heater Warm-up Time ……………………………
180
–
s
Helix Voltage
………………………………………
10.4
11.9
kVdc
Helix Current
………………………………………
–
15.0
mAdc
Collector-1 Voltage …………………………………
5.7
6.4
kVdc
Collector-1 Current …………………………………
–
320
mAdc
Collector-2 Voltage …………………………………
2.5
3.2
kVdc
Collector-2 Current …………………………………
–
470
mAdc
RF Drive Power ……………………………………
–
18
dBm
Load VSWR …………………………………………
–
1.5 : 1
–
ENVIRONMENTAL
Min.
Max.
Unit
Heat Sink Temperature ……………………………
–40
+105
˚C
Storage Temperature ………………………………
–50
+85
˚C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com