Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACUSBVB Datasheet(PDF) 1 Page - ON Semiconductor

Part # PACUSBVB
Description  USB Downstream Port Terminator with VBUS ESD Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACUSBVB Datasheet(HTML) 1 Page - ON Semiconductor

  PACUSBVB Datasheet HTML 1Page - ON Semiconductor PACUSBVB Datasheet HTML 2Page - ON Semiconductor PACUSBVB Datasheet HTML 3Page - ON Semiconductor PACUSBVB Datasheet HTML 4Page - ON Semiconductor PACUSBVB Datasheet HTML 5Page - ON Semiconductor PACUSBVB Datasheet HTML 6Page - ON Semiconductor PACUSBVB Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
 Semiconductor Components Industries, LLC, 2011
October, 2011 − Rev. 3
1
Publication Order Number:
PACUSBVB/D
PACUSBVB
USB Downstream Port
Terminator with VBUS ESD
Protection
Product Description
The PACUSBVB−D1 is a single−channel USB downstream−port
termination network. It integrates EMI/RFI filter components R1 and
C1 as recommended by the USB specification, as well as the required
15 kW pull−down resistors (R2) to GND. In addition,
PACUSBVB−D1 provides a very high level of protection for sensitive
electronic components that may be subjected to electrostatic discharge
(ESD). The device pins will safely dissipate ESD strikes of 15 kV,
exceeding the maximum requirements of the IEC 61000−4−2
international standard. Using the MIL−STD−883D (Method 3015)
specification for Human Body Model (HBM) ESD, all pins are
protected from contact discharges to 20 kV.
The PACUSBVB−D1 also features a fifth zener diode (cathode at
pin 5) which provides ESD protection for the USB VBUS line.
There are three options for the value of the series resistor R1: 15
W,
33
W, and 22 W. This series resistance, plus the USB driver output
resistance, must be close to the USB cable’s characteristic impedance
of 45
W (each side) to minimize transmission line reflections.
The PACUSBVB−D1 is housed in a 6−pin SOT23 package and is
available with optional lead−free finishing.
Features
A Low−Capacitance USB Downstream Port Terminator, EMI
Filter, and Transient Over−Voltage Protector in a Single
Surface−Mounted Package
ESD Protection to 20 kV Contact Discharge, per
MIL−STD−883D, Method 3015
ESD Protection to 15 kV Contact Discharge, per IEC 61000−4−2
International Standard
Provides ESD Protection for the VBUS Line
Compact SOT23−6 Package Saves Board Space and Lowers
Manufacturing Costs Compared to Discrete Solutions
Capacitors Matched to a Precision Exceeding the USB
Specification
These Devices are Pb−Free and are RoHS Compliant
Applications
ESD Protection and Termination of USB Downstream Ports
Desktop PCs
Notebooks
Set−Top Boxes
USB Hubs
http://onsemi.com
MARKING DIAGRAM
Device
Package
Shipping†
ORDERING INFORMATION
PACUSBVB−D1Y6R SOT23−6
(Pb−Free)
3000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
ELECTRICAL SCHEMATIC
1
2
4
6
R1
3
R1
R2
R2
C1
C1
GND
UD1R
UD1R
= PACUSBVB−D1Y6R
5
VBUS
SOT23−6
CASE 527AJ


Similar Part No. - PACUSBVB

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACUSBVB-D1 CALMIRCO-PACUSBVB-D1 Datasheet
846Kb / 8P
USB Downstream Port Terminator with VBUS ESD Protection
logo
ON Semiconductor
PACUSBVB-D1 ONSEMI-PACUSBVB-D1 Datasheet
219Kb / 9P
USB Downstream Port Terminator with VBUS ESD Protection
June 2010 ??Rev. 2
logo
California Micro Device...
PACUSBVB-D1Y6 CALMIRCO-PACUSBVB-D1Y6 Datasheet
846Kb / 8P
USB Downstream Port Terminator with VBUS ESD Protection
logo
ON Semiconductor
PACUSBVB-D1Y6 ONSEMI-PACUSBVB-D1Y6 Datasheet
219Kb / 9P
USB Downstream Port Terminator with VBUS ESD Protection
June 2010 ??Rev. 2
PACUSBVB-D1Y6R ONSEMI-PACUSBVB-D1Y6R Datasheet
219Kb / 9P
USB Downstream Port Terminator with VBUS ESD Protection
June 2010 ??Rev. 2
More results

Similar Description - PACUSBVB

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACUSB200 CALMIRCO-PACUSB200 Datasheet
40Kb / 2P
USB DUAL DOWNSTREAM PORT FILTER WITH ESD PROTECTION
logo
ON Semiconductor
NUF2221W1T2 ONSEMI-NUF2221W1T2 Datasheet
45Kb / 6P
USB Upstream Terminator with ESD Protection
June, 2003 - Rev. 1
logo
California Micro Device...
PACUSBVB-D1 CALMIRCO-PACUSBVB-D1 Datasheet
846Kb / 8P
USB Downstream Port Terminator with VBUS ESD Protection
PACUSB-D1 CALMIRCO-PACUSB-D1 Datasheet
315Kb / 9P
USB Downstream Port Terminator
logo
ON Semiconductor
NUF2015W1 ONSEMI-NUF2015W1 Datasheet
140Kb / 6P
USB Upstream Terminator with ESD Protection
March, 2006 ??Rev. 3
NUF2030XV6 ONSEMI-NUF2030XV6 Datasheet
56Kb / 6P
USB Upstream Terminator with ESD Protection
July, 2005 ??Rev. 2
NUF2221W1 ONSEMI-NUF2221W1 Datasheet
134Kb / 5P
USB Upstream Terminator with ESD Protection
November, 2008 ??Rev. 0
PACUSB-D1 ONSEMI-PACUSB-D1 Datasheet
243Kb / 10P
USB Downstream Port Terminator
June 2010 ??Rev. 2
PACUSBVB-D1 ONSEMI-PACUSBVB-D1 Datasheet
219Kb / 9P
USB Downstream Port Terminator with VBUS ESD Protection
June 2010 ??Rev. 2
PACUSBD ONSEMI-PACUSBD Datasheet
392Kb / 8P
USB Downstream Port Terminator
October, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com