Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACUSBVB-D1Y6R Datasheet(PDF) 2 Page - ON Semiconductor

Part # PACUSBVB-D1Y6R
Description  USB Downstream Port Terminator with VBUS ESD Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACUSBVB-D1Y6R Datasheet(HTML) 2 Page - ON Semiconductor

  PACUSBVB-D1Y6R Datasheet HTML 1Page - ON Semiconductor PACUSBVB-D1Y6R Datasheet HTML 2Page - ON Semiconductor PACUSBVB-D1Y6R Datasheet HTML 3Page - ON Semiconductor PACUSBVB-D1Y6R Datasheet HTML 4Page - ON Semiconductor PACUSBVB-D1Y6R Datasheet HTML 5Page - ON Semiconductor PACUSBVB-D1Y6R Datasheet HTML 6Page - ON Semiconductor PACUSBVB-D1Y6R Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PACUSBVB
http://onsemi.com
2
PACKAGE / PINOUT DIAGRAMS
6−Pin SOT23
D+ CNTR
1
D+ CONN
2
34
6
GND
D− CNTR
D− CONN
Top View
VBUS
5
Table 1. PIN DESCRIPTIONS
Pins
Name
Description
1
D+ CNTR
D+ Data to the USB Controller Circuitry
2
GND
Ground Pin
3
D− CNTR
D− Data to the USB Controller Circuitry
4
D− CONN
D− Data to the USB Connector
5
VBUS
VBUS Input Pin
6
D+ CONN
D+ Data to the USB Connector
SPECIFICATIONS
Table 2. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Units
Storage Temperature Range
−65 to +150
C
Power Dissipation per Resistor
100
mW
Package Power Dissipation
200
mW
Voltage on any Pin (DC)
6
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 3. STANDARD OPERATING CONDITIONS
Parameter
Rating
Units
Operating Temperature
−40 to +85
C
VBUS Input Voltage
5
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com