Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP32NM50N Datasheet(PDF) 20 Page - STMicroelectronics

Part # STP32NM50N
Description  N-channel 500 V, 0.1 廓 typ., 22 A MDmesh??II Power MOSFET in D짼PAK, TO-220FP, TO-220, TO-247 packages
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP32NM50N Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STP32NM50N Datasheet HTML 13Page - STMicroelectronics STP32NM50N Datasheet HTML 14Page - STMicroelectronics STP32NM50N Datasheet HTML 15Page - STMicroelectronics STP32NM50N Datasheet HTML 16Page - STMicroelectronics STP32NM50N Datasheet HTML 17Page - STMicroelectronics STP32NM50N Datasheet HTML 18Page - STMicroelectronics STP32NM50N Datasheet HTML 19Page - STMicroelectronics STP32NM50N Datasheet HTML 20Page - STMicroelectronics STP32NM50N Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Revision history
STB32NM50N, STF32NM50N, STP32NM50N, STW32NM50N
20/21
Doc ID 023436 Rev 1
6
Revision history
Table 12.
Document revision history
Date
Revision
Changes
01-Aug-2012
1
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com