Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB46NF30 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB46NF30
Description  N-channel 300 V, 0.063typ, 42 A, STripFET??II Power MOSFET in D2PAK, TO-220 and TO-247 packages
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB46NF30 Datasheet(HTML) 1 Page - STMicroelectronics

  STB46NF30 Datasheet HTML 1Page - STMicroelectronics STB46NF30 Datasheet HTML 2Page - STMicroelectronics STB46NF30 Datasheet HTML 3Page - STMicroelectronics STB46NF30 Datasheet HTML 4Page - STMicroelectronics STB46NF30 Datasheet HTML 5Page - STMicroelectronics STB46NF30 Datasheet HTML 6Page - STMicroelectronics STB46NF30 Datasheet HTML 7Page - STMicroelectronics STB46NF30 Datasheet HTML 8Page - STMicroelectronics STB46NF30 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
This is information on a product in full production.
September 2012
Doc ID 018493 Rev 1
1/19
19
STB46NF30,
STP46NF30, STW46NF30
N-channel 300 V, 0.063
Ω typ, 42 A, STripFET™ II Power MOSFET
in D2PAK, TO-220 and TO-247 packages
Datasheet — production data
Features
Exceptional dv/dt capability
100% avalanche tested
Low gate charge
Applications
Switching applications
– Automotive
Description
These Power MOSFETs have been developed
using STMicroelectronics’ unique STripFET
process, which is specifically designed to
minimize input capacitance and gate charge. This
renders the devices suitable for use as primary
switch in advanced high-efficiency isolated DC-
DC converters for telecom and computer
applications, and applications with low gate
charge driving requirements.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
ID
Pw
STB46NF30
300 V
< 0.075
Ω 42 A 300 W
STP46NF30
300 V
< 0.075
Ω 42 A 300 W
STW46NF30
300 V
< 0.075
Ω 42 A 300 W
D²PAK
1
3
TAB
1
2
3
TAB
TO-220
1
2
3
TO-247
S(3)
G(1)
D(2, TAB)
AM09016v1
Table 1.
Device summary
Order code
Marking
Package
Packaging
STB46NF30
46NF30
D²PAK
Tape and reel
STP46NF30
46NF30
TO-220
Tube
STW46NF30
46NF30
To-247
Tube
www.st.com


Similar Part No. - STB46NF30

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STB46NF30 ISC-STB46NF30 Datasheet
333Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STB46NF30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB150NF55 STMICROELECTRONICS-STB150NF55_06 Datasheet
561Kb / 19P
N-channel 55V - 0.005廓 - 120A - D2PAK/TO-220/TO-247 STripFET??II Power MOSFET
26-Jun-2006
STB80NF55-08 STMICROELECTRONICS-STB80NF55-08_08 Datasheet
358Kb / 15P
N-channel 55 V - 0.0065 廓 - 80 A - TO-220 - D2PAK - TO-247 STripFET??Power MOSFET
03-Mar-2008
STB80NF55-08T4 STMICROELECTRONICS-STB80NF55-08T4 Datasheet
368Kb / 15P
N-channel 55 V, 0.0065 Ω, 80 A, TO-220, D2PAK, TO-247 STripFET™Power MOSFET
15-Apr-2009
STP26NM60N STMICROELECTRONICS-STP26NM60N Datasheet
1Mb / 24P
N-channel 600 V, 0.135 Ω typ., 20 A MDmesh™II Power MOSFET in D2PAK, I2PAK, TO-220, TO-220FP and TO-247 packages
20-Jun-2012
STF26NM60N STMICROELECTRONICS-STF26NM60N Datasheet
1Mb / 23P
N-channel 600 V, 0.135 ohm typ., 20 A MDmesh II Power MOSFET in D2PAK, I2PAK, TO-220, TO-220FP and TO-247 packages
20-Jun-2012
STP24N60M2 STMICROELECTRONICS-STP24N60M2 Datasheet
1Mb / 22P
N-channel 600 V, 0.168 Ω typ., 18 A MDmesh II Plus??low Qg Power MOSFET in D2PAK, I2PAK, TO-220 and TO-247 packages
28-May-2013
STF18NM60N STMICROELECTRONICS-STF18NM60N Datasheet
1Mb / 21P
N-channel 600 V, 0.26 Ω typ., 13 A MDmesh™II Power MOSFET in D2PAK, TO-220FP, TO-220 and TO-247
01-Oct-2012
STP18NM60N STMICROELECTRONICS-STP18NM60N Datasheet
1Mb / 21P
N-channel 600 V, 0.26 Ω typ., 13 A MDmesh™ II Power MOSFET in D2PAK, TO-220FP, TO-220 and TO-247
October 2012 Rev 4
STF20N65M5 STMICROELECTRONICS-STF20N65M5 Datasheet
1Mb / 21P
N-channel 650 V, 0.160 Ω typ., 18 A MDmesh™ V Power MOSFET in D2PAK, I2PAK, TO-220 and TO-247 packages
February 2013 Rev 2
STB120N10F4 STMICROELECTRONICS-STB120N10F4 Datasheet
949Kb / 18P
N-channel 100 V, 8 mΩ typ., 120 A, STripFET™ DeepGATE™ Power MOSFETs in D2PAK and TO-220 packages
April 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com