Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4416 Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # 2SC4416
Description  Silicon NPN Epitaxial
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC4416 Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button 2SC4416 Datasheet HTML 2Page - Hitachi Semiconductor 2SC4416 Datasheet HTML 3Page - Hitachi Semiconductor 2SC4416 Datasheet HTML 4Page - Hitachi Semiconductor 2SC4416 Datasheet HTML 5Page - Hitachi Semiconductor 2SC4416 Datasheet HTML 6Page - Hitachi Semiconductor 2SC4416 Datasheet HTML 7Page - Hitachi Semiconductor 2SC4416 Datasheet HTML 8Page - Hitachi Semiconductor 2SC4416 Datasheet HTML 9Page - Hitachi Semiconductor 2SC4416 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2SC4416
8
Conversion Gain and Noise Figure Test Circuit


,



,



VTin
L1
L2
D1
47 k
2.2 n
100 p
1 k
100 p
220
µ
fout = 30 MHz
RL = 50 Ω
L3
D1
VTout
fosc = 930 MHz
(–5 dBm)
fin = 900 MHz
1 k
2.2 n
2.2 n
8 p
47 p
100
2.2 n
2.2 n
VBB
VCC
Unit R :
C :
L :
Ω
F
H
25
10
15
30
Unit : mm
D1 : 1SV188
L1 : φ1 mm Enameled Copper Wire.
L2 : φ1 mm Enameled Copper Wire.
L3 : φ1 mm Enameled Copper Wire.
L4 : Inside Dia 3 mm, φ0.5 mm Enameled Copper Wire 1 Turn.
L5 : Inside Dia 5 mm Bobin, φ0.2 mm Enameled Copper Wire 20 Turns Using Ferrite Core.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com