Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4422 Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # 2SC4422
Description  Silicon NPN Epitaxial
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC4422 Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button 2SC4422 Datasheet HTML 2Page - Hitachi Semiconductor 2SC4422 Datasheet HTML 3Page - Hitachi Semiconductor 2SC4422 Datasheet HTML 4Page - Hitachi Semiconductor 2SC4422 Datasheet HTML 5Page - Hitachi Semiconductor 2SC4422 Datasheet HTML 6Page - Hitachi Semiconductor 2SC4422 Datasheet HTML 7Page - Hitachi Semiconductor 2SC4422 Datasheet HTML 8Page - Hitachi Semiconductor 2SC4422 Datasheet HTML 9Page - Hitachi Semiconductor 2SC4422 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2SC4422
8
Y Parameters (Emitter Common)
Test Condition V
CE = 5 V, IC = 5 mA
Freq.
Yie (mS)
Yfe (mS)
Yre (mS)
Yoe (mS)
(MHz)
REAL
IMAG.
REAL
IMAG.
REAL
IMAG.
REAL
IMAG.
100
1.949
3.563
147.837
–43.785
–0.001
–0.544
0.175
0.922
200
3.994
5.961
120.026
–75.352
0.005
–1.122
0.218
1.731
300
6.433
7.295
89.506
–98.131
0.006
–1.711
0.206
2.618
400
8.206
7.536
62.937
–90.892
0.017
–2.299
0.250
3.531
500
9.403
7.501
43.528
–87.146
0.043
–2.877
0.295
4.395
600
10.179
7.259
29.375
–81.334
0.058
–3.445
0.421
5.324
700
10.910
7.124
19.483
–75.831
0.098
–4.063
0.387
6.235
800
11.193
6.776
11.803
–70.096
0.127
–4.642
0.413
7.209
900
11.543
6.593
6.205
–65.171
0.192
–5.302
0.338
8.218
1000
11.387
6.328
2.208
–60.095
0.249
–5.855
0.401
9.171
Test Condition V
CE = 5 V, IC = 20 mA
Freq.
Yie (mS)
Yfe (mS)
Yre (mS)
Yoe (mS)
(MHz)
REAL
IMAG.
REAL
IMAG.
REAL
IMAG.
REAL
IMAG.
100
5.863
2.308
276.917
–268.988
0.000
–0.522
0.244
0.751
200
7.022
2.660
109.913
–221.759
0.005
–1.121
0.309
1.637
300
7.375
2.861
50.698
–167.756
0.006
–1.713
0.305
2.507
400
7.527
3.094
26.179
–133.425
0.024
–2.302
0.363
3.373
500
7.607
3.429
14.053
–110.501
0.025
–2.885
0.394
4.282
600
7.562
3.893
7.198
–94.442
0.056
–3.477
0.463
5.156
700
7.537
4.211
2.859
–82.874
0.079
–4.077
0.478
6.093
800
7.383
4.635
–0.221
–73.836
0.124
–4.674
0.506
7.046
900
7.403
5.047
–2.127
–67.183
0.180
–5.312
0.444
8.018
1000
7.074
5.411
–3.292
–61.241
0.246
–5.871
0.509
8.943



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com