Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4500L Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 2SC4500L
Description  Silicon NPN Epitaxial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC4500L Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SC4500L Datasheet HTML 1Page - Hitachi Semiconductor 2SC4500L Datasheet HTML 2Page - Hitachi Semiconductor 2SC4500L Datasheet HTML 3Page - Hitachi Semiconductor 2SC4500L Datasheet HTML 4Page - Hitachi Semiconductor 2SC4500L Datasheet HTML 5Page - Hitachi Semiconductor 2SC4500L Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SC4500(L)/(S)
3
Maximum Collector Dissipation Curve
12
8
4
0
50
100
150
Case temperature TC (°C)
3.0
1.0
0.3
0.1
0.03
1.0
3
30
10
100
Collector to emitter voltage VCE (V)
Area of Safe Operation
Ta = 25
°C, 1 Shot Pulse
Typical Output Characteristics
IB = 0, Ta = 25°C
80 µA
100
120
120
140
160
200
180
1.0
0.8
0.6
0.4
0.2
01
2
Collector to emitter voltage VCE (V)
5
4
3
100,000
30,000
10,000
3,000
1,000
0.01
0.1
1.0
0.03
0.3
Collector current IC (A)
DC Current Transfer Ratio vs.
Collector Current
VCE = 10 V
Ta = 25
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com