Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC458 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 2SC458
Description  Silicon NPN Epitaxial
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC458 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SC458 Datasheet HTML 1Page - Hitachi Semiconductor 2SC458 Datasheet HTML 2Page - Hitachi Semiconductor 2SC458 Datasheet HTML 3Page - Hitachi Semiconductor 2SC458 Datasheet HTML 4Page - Hitachi Semiconductor 2SC458 Datasheet HTML 5Page - Hitachi Semiconductor 2SC458 Datasheet HTML 6Page - Hitachi Semiconductor 2SC458 Datasheet HTML 7Page - Hitachi Semiconductor 2SC458 Datasheet HTML 8Page - Hitachi Semiconductor 2SC458 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2SC458 (K)
3
Small Signal h Parameters
Item
Symbol
Typ
Unit
Test conditions
Input impedance
h
ie
16.5
k
Ω
V
CE = 5 V, IC = 0.1 mA,
f = 270 Hz
Voltage feedback ratio
h
re
70
× 10–6
Current transfer ratio
h
fe
130
Output admittance
h
oe
11
µS
+
–
+
–
Switching Time Test Circuit
ton, toff Test Circuit
D.U.T
CRT
50
–6 V
6 k
6 k
1 k
10 V
50
µ
50
µ
0.005
µ
0.005
µ
Unit
P.G.
tr, tf
20 ns
PW
2
µs
R:
Ω
C:F
<
=
>
=
+
–
+
–
Switching Time Test Circuit
tstg Test Circuit
D.U.T
CRT
200
7 V
100
0.5
µ 220
240
5 V
50
µ
50
µ
0.002
µ
0.002
µ
Unit
P.G.
tr
10 ns
PW
1
µs
R:
Ω
C:F
<
=
>
=
Response Waveform
13 V
0
90%
10%
ton
toff
Input
Output
IC
IB1
IB2
VCC
VBB
Vin
10 mA
1 mA
–1 mA
10 V
–6 V
13 V
Response Waveform
–9 V
0
Input
Output
10%
10%
tstg
IC
IB1
IB2
VCC
VBB
Vin
20 mA 20 mA –20 mA
5 V
7 V
–9 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com