Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4592 Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # 2SC4592
Description  Silicon NPN Epitaxial
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC4592 Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button 2SC4592 Datasheet HTML 2Page - Hitachi Semiconductor 2SC4592 Datasheet HTML 3Page - Hitachi Semiconductor 2SC4592 Datasheet HTML 4Page - Hitachi Semiconductor 2SC4592 Datasheet HTML 5Page - Hitachi Semiconductor 2SC4592 Datasheet HTML 6Page - Hitachi Semiconductor 2SC4592 Datasheet HTML 7Page - Hitachi Semiconductor 2SC4592 Datasheet HTML 8Page - Hitachi Semiconductor 2SC4592 Datasheet HTML 9Page - Hitachi Semiconductor 2SC4592 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2SC4592
8
S Parameter (V
CE = 5 V, IC = 20 mA, ZO = 50 Ω)
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
100
0.619
–64.2
31.361
137.5
0.025
63.5
0.729
–39.2
200
0.475
–104.2
20.515
116.0
0.036
56.8
0.483
–57.2
300
0.417
–128.3
14.505
105.1
0.045
57.8
0.356
–65.2
400
0.385
–145.2
11.189
98.3
0.054
60.1
0.287
–69.2
500
0.374
–157.4
9.053
93.4
0.063
61.6
0.245
–71.9
600
0.367
–166.9
7.608
89.6
0.072
62.8
0.220
–73.8
700
0.367
–175.4
6.547
86.1
0.081
64.1
0.201
–75.5
800
0.366
177.2
5.773
83.0
0.090
64.7
0.189
–77.2
900
0.369
172.0
5.121
80.6
0.100
64.9
0.181
–78.4
1000
0.368
166.2
4.632
77.9
0.109
65.1
0.175
–80.1
1100
0.369
160.6
4.238
75.3
0.119
65.3
0.171
–81.2
1200
0.373
155.7
3.897
73.2
0.128
65.1
0.168
–82.7
1300
0.377
151.2
3.616
71.0
0.137
65.1
0.167
–84.2
1400
0.382
146.9
3.369
68.8
0.147
64.5
0.167
–85.7
1500
0.384
142.1
3.154
66.8
0.156
64.1
0.168
–87.1
1600
0.386
138.7
2.960
64.5
0.166
63.5
0.168
–88.3
1700
0.391
133.7
2.803
62.9
0.175
63.0
0.169
–89.9
1800
0.401
130.6
2.662
60.6
0.185
62.4
0.171
–91.5
1900
0.405
127.4
2.533
59.1
0.193
61.7
0.172
–92.6
2000
0.408
12.8
2.416
57.0
0.202
61.1
0.175
–94.1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com