Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC461 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 2SC461
Description  Silicon NPN Epitaxial Planar
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC461 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SC461 Datasheet HTML 1Page - Hitachi Semiconductor 2SC461 Datasheet HTML 2Page - Hitachi Semiconductor 2SC461 Datasheet HTML 3Page - Hitachi Semiconductor 2SC461 Datasheet HTML 4Page - Hitachi Semiconductor 2SC461 Datasheet HTML 5Page - Hitachi Semiconductor 2SC461 Datasheet HTML 6Page - Hitachi Semiconductor 2SC461 Datasheet HTML 7Page - Hitachi Semiconductor 2SC461 Datasheet HTML 8Page - Hitachi Semiconductor 2SC461 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
2SC460, 2SC461
3
Electrical Characteristics (Ta = 25°C)
2SC460
2SC461
Item
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test conditions
Collector to base
breakdown voltage
V
(BR)CBO
30
—
—
30
—
—
V
I
C = 10 µA, IE = 0
Collector to emitter
breakdown voltage
V
(BR)CEO
30
—
—
30
—
—
V
I
C = 1 mA, RBE = ∞
Emitter to base
breakdown voltage
V
(BR)EBO
5
—
—5
——
V
I
E = 10 µA, IC = 0
Collector cutoff current
I
CBO
—
—
0.5
—
—
0.5
µAV
CB = 18 V, IE = 0
Emitter cutoff current
I
EBO
—
—
0.5
—
—
0.5
µAV
EB = 2 V, IC = 0
Base to emitter voltage
V
BE
—
0.63
0.75
—
0.63
0.75
V
V
CE = 12 V, IC = 2 mA
DC current transfer ratio h
FE*
1
35
—
200
35
—
200
V
CE = 12 V, IC = 2 mA
Collector to emitter
saturation voltage
V
CE(sat)
—
0.6
1.1
—
0.6
1.1
V
I
C = 10 mA, IB = 1 mA
Gain bandwidth product f
T
—
230
—
—
230
—
MHz
V
CE = 12 V, IC = 2 mA
Collector output
capacitance
C
ob
—
1.8
3.5
—
1.8
3.5
pF
V
CB = 10 V, IE = 0,
f = 1 MHz
10.7 MHz power gain
PG
26
29
————
dB
V
CE = 6 V, IE = –1 mA
f = 10.7 MHz
100 MHz power gain
PG
—
—
—
13
17
—
dB
V
CE = 6 V, IE = –1 mA
f = 100 MHz
Noise figure
NF
—
2.0
————
dB
V
CE = 6 V, IE = –1 mA
f = 1MHz
R
g = 500Ω
Note:
1. The 2SC460 and 2SC461 are grouped by h
FE as follows.
AB
C
35 to 70
60 to 120
100 to 200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com