Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4784 Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # 2SC4784
Description  Silicon NPN Epitaxial
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC4784 Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button 2SC4784 Datasheet HTML 4Page - Hitachi Semiconductor 2SC4784 Datasheet HTML 5Page - Hitachi Semiconductor 2SC4784 Datasheet HTML 6Page - Hitachi Semiconductor 2SC4784 Datasheet HTML 7Page - Hitachi Semiconductor 2SC4784 Datasheet HTML 8Page - Hitachi Semiconductor 2SC4784 Datasheet HTML 9Page - Hitachi Semiconductor 2SC4784 Datasheet HTML 10Page - Hitachi Semiconductor 2SC4784 Datasheet HTML 11Page - Hitachi Semiconductor 2SC4784 Datasheet HTML 12Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
2SC4784
8
S Parameter (V
CE = 5 V, IC = 10 mA, ZO = 50 Ω, Emitter Common)
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
100
0.730
–25.1
20.636
158.3
0.017
77.3
0.929
–15.0
200
0.622
–46.7
17.551
140.7
0.031
69.3
0.808
–26.3
300
0.508
–64.4
14.512
127.1
0.041
64.0
0.689
–33.0
400
0.417
–77.8
12.064
118.0
0.049
62.8
0.600
–36.8
500
0.349
–89.5
10.223
111.0
0.057
62.1
0.534
–38.7
600
0.295
–100.6
8.803
105.3
0.064
62.1
0.487
–39.2
700
0.256
–110.7
7.735
101.0
0.070
62.9
0.451
–39.3
800
0.223
–120.6
6.899
97.1
0.077
63.4
0.423
–39.6
900
0.195
–129.7
6.178
93.5
0.084
63.6
0.403
–39.4
1000
0.183
–140.7
5.644
90.7
0.091
63.8
0.385
–39.5
1100
0.173
–151.8
5.167
88.0
0.098
64.3
0.372
–39.6
1200
0.154
–160.4
4.743
85.5
0.105
64.6
0.361
–39.6
1300
0.158
–171.4
4.423
83.5
0.112
64.5
0.353
–40.0
1400
0.158
177.6
4.121
81.4
0.119
64.8
0.345
–40.3
1500
0.157
165.9
3.866
79.1
0.126
64.7
0.338
–40.6
1600
0.165
160.7
3.648
77.0
0.133
64.2
0.332
–41.0
1700
0.172
154.4
3.460
75.1
0.141
64.1
0.327
–41.8
1800
0.176
147.9
3.277
73.7
0.148
63.9
0.321
–42.3
1900
0.187
140.9
3.129
71.6
0.155
63.7
0.317
–42.8
2000
0.194
136.0
2.982
69.8
0.162
63.2
0.312
–43.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com