Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4791 Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # 2SC4791
Description  Silicon NPN Epitaxial
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC4791 Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button 2SC4791 Datasheet HTML 4Page - Hitachi Semiconductor 2SC4791 Datasheet HTML 5Page - Hitachi Semiconductor 2SC4791 Datasheet HTML 6Page - Hitachi Semiconductor 2SC4791 Datasheet HTML 7Page - Hitachi Semiconductor 2SC4791 Datasheet HTML 8Page - Hitachi Semiconductor 2SC4791 Datasheet HTML 9Page - Hitachi Semiconductor 2SC4791 Datasheet HTML 10Page - Hitachi Semiconductor 2SC4791 Datasheet HTML 11Page - Hitachi Semiconductor 2SC4791 Datasheet HTML 12Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
2SC4791
8
S Parameter (V
CE = 5 V, IC = 10 mA, ZO = 50 Ω, Emitter Common)
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
100
0.758
–22.4
19.871
159.8
0.015
78.6
0.942
–12.6
200
0.650
–41.5
17.252
142.4
0.028
71.0
0.842
–22.5
300
0.538
–57.1
14.423
129.0
0.037
66.8
0.739
–28.5
400
0.445
–69.1
12.168
119.4
0.045
64.3
0.659
–32.0
500
0.383
–79.6
10.376
112.2
0.052
63.3
0.600
–33.7
600
0.320
–87.8
8.995
106.7
0.058
63.4
0.577
–34.9
700
0.274
–95.4
7.914
101.8
0.065
63.7
0.524
–35.4
800
0.230
–102.4
7.057
97.8
0.071
64.0
0.499
–36.3
900
0.205
–109.8
6.332
93.9
0.076
64.4
0.480
–36.7
1000
0.174
–116.9
5.778
91.0
0.083
64.5
0.466
–37.4
1100
0.154
–125.9
5.291
88.1
0.089
64.6
0.454
–38.0
1200
0.131
–135.1
4.862
85.4
0.096
64.7
0.444
–38.7
1300
0.118
–142.7
4.508
82.9
0.102
64.6
0.438
–39.4
1400
0.108
–154.7
4.226
80.8
0.109
64.5
0.431
–40.4
1500
0.104
–165.2
3.961
78.7
0.116
64.3
0.426
–41.4
1600
0.093
–178.6
3.718
76.4
0.122
64.1
0.420
–42.4
1700
0.095
169.4
3.532
74.3
0.129
64.0
0.417
–43.6
1800
0.094
158.4
3.347
72.4
0.135
63.4
0.413
–44.8
1900
0.094
148.2
3.190
70.5
0.142
63.2
0.409
–46.0
2000
0.101
136.0
3.036
68.6
0.148
63.0
0.406
–47.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com