Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4993 Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # 2SC4993
Description  Silicon NPN Epitaxial
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC4993 Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button 2SC4993 Datasheet HTML 2Page - Hitachi Semiconductor 2SC4993 Datasheet HTML 3Page - Hitachi Semiconductor 2SC4993 Datasheet HTML 4Page - Hitachi Semiconductor 2SC4993 Datasheet HTML 5Page - Hitachi Semiconductor 2SC4993 Datasheet HTML 6Page - Hitachi Semiconductor 2SC4993 Datasheet HTML 7Page - Hitachi Semiconductor 2SC4993 Datasheet HTML 8Page - Hitachi Semiconductor 2SC4993 Datasheet HTML 9Page - Hitachi Semiconductor 2SC4993 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2SC4993
8
S Parameters (V
CE = 1 V, IC = 1 mA, ZO = 50 Ω)
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
200
0.942
–18.2
3.33
163.2
0.0570
76.8
0.976
–14.2
400
0.888
–36.5
3.16
148.5
0.105
65.2
0.923
–25.9
600
0.817
–52.2
2.86
135.0
0.143
55.5
0.857
–36.2
800
0.737
–65.6
2.62
123.3
0.170
47.4
0.789
–45.6
1000
0.665
–79.6
2.36
113.0
0.191
40.7
0.729
–53.1
1200
0.604
–91.6
2.15
103.5
0.204
35.6
0.676
–59.6
1400
0.561
–101.9
1.94
96.4
0.213
31.5
0.636
–65.5
1600
0.523
–112.1
1.79
89.9
0.220
28.0
0.600
–70.7
1800
0.485
–121.4
1.66
83.4
0.223
24.9
0.575
–75.2
2000
0.467
–130.5
1.54
77.6
0.224
22.5
0.553
–79.8
S Parameters (V
CE = 1 V, IC = 2 mA, ZO = 50 Ω)
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
200
0.890
–26.2
6.17
158.9
0.0552
73.0
0.949
–19.0
400
0.800
–49.7
5.53
141.4
0.0967
60.0
0.854
–35.0
600
0.701
–69.1
4.76
127.4
0.125
50.3
0.751
–46.8
800
0.614
–85.9
4.14
115.8
0.143
43.3
0.658
–56.7
1000
0.552
–101.1
3.58
106.5
0.155
38.4
0.589
–64.1
1200
0.498
–114.3
3.16
98.2
0.164
35.1
0.530
–70.4
1400
0.455
–126.7
2.80
91.8
0.170
32.8
0.493
–75.3
1600
0.430
–137.2
2.52
95.2
0.175
30.8
0.461
–80.2
1800
0.405
–147.3
2.31
80.8
0.179
29.8
0.437
–84.9
2000
0.402
–156.7
2.12
75.6
0.181
28.9
0.417
–89.1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com