Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4994 Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # 2SC4994
Description  Silicon NPN Epitaxial
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC4994 Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button 2SC4994 Datasheet HTML 2Page - Hitachi Semiconductor 2SC4994 Datasheet HTML 3Page - Hitachi Semiconductor 2SC4994 Datasheet HTML 4Page - Hitachi Semiconductor 2SC4994 Datasheet HTML 5Page - Hitachi Semiconductor 2SC4994 Datasheet HTML 6Page - Hitachi Semiconductor 2SC4994 Datasheet HTML 7Page - Hitachi Semiconductor 2SC4994 Datasheet HTML 8Page - Hitachi Semiconductor 2SC4994 Datasheet HTML 9Page - Hitachi Semiconductor 2SC4994 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2SC4994
8
S Parameters (V
CE = 1 V, IC = 1 mA, ZO = 50 Ω)
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
200
0.939
–17.2
3.35
165.1
0.0525
78.0
0.978
–11.8
400
0.895
–33.7
3.25
151.8
0.0977
67.7
0.933
–22.5
600
0.834
–47.9
2.79
139.8
134
58.4
0.873
–32.0
800
0.761
–61.5
2.77
128.9
0.163
50.6
0.805
–40.8
1000
0.693
–74.3
2.51
119.0
0.185
44.4
0.743
–48.0
1200
0.642
–86.5
2.30
110.5
0.200
38.9
0.687
–54.4
1400
0.582
–97.0
2.08
103.9
0.212
34.7
0.644
–59.5
1600
0.544
–107.2
1.93
97.2
0.220
31.2
0.602
–64.1
1800
0.507
–117.4
1.79
91.0
0.227
28.1
0.568
–68.8
2000
0.489
–127.2
1.66
85.7
0.230
25.0
0.538
–73.5
S Parameters (V
CE = 1 V, IC = 2 mA, ZO = 50 Ω)
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
200
0.889
–24.3
6.20
161.2
0.0508
74.6
0.955
–17.2
400
0.814
–46.0
5.69
145.2
0.0906
62.5
0.871
–31.4
600
0.724
–65.4
4.99
131.7
0.119
52.7
0.773
–42.8
800
0.646
–81.9
4.42
120.8
0.138
45.2
0.678
–52.7
1000
0.572
–97.0
3.85
111.7
0.151
40.4
0.604
–59.2
1200
0.531
–110.2
3.42
104.0
0.160
36.7
0.540
–65.3
1400
0.484
–123.1
3.04
98.2
0.167
34.1
0.494
–70.6
1600
0.463
–134.4
2.75
92.3
0.173
32.2
0.454
–74.9
1800
0.441
–144.5
2.51
87.2
0.177
30.3
0.423
–79.3
2000
0.434
–154.7
2.30
82.6
0.180
29.1
0.396
–83.4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com