Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJS688TGY Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # CJS688TGY
Description  Mini-Com짰 TX6??PLUS Shielded Jack Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CJS688TGY Datasheet(HTML) 1 Page - PANDUIT CORP.

  CJS688TGY Datasheet HTML 1Page - PANDUIT CORP. CJS688TGY Datasheet HTML 2Page - PANDUIT CORP. CJS688TGY Datasheet HTML 3Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Order number of pieces required, in multiples of Standard Package Quantity.
Prime items appear in BOLD.
PHYSICAL INFRASTRUCTURE SYSTEMS
A.
System
Overview
B.
Copper
Systems
C.
Fiber
Optic
Systems
D.
Power
over
Ethernet
E.
Zone
Cabling
F.
Wireless
G.
Outlets
H.
Media
Distribution
I.
Physical
Infrastructure
Management
J.
Overhead &
Underfloor
Routing
K.
Surface
Raceway
L.
Cabinets,
Racks &
Cable
Management
M.
Grounding &
Bonding
N.
Industrial
O.
Labeling &
Identification
P.
Cable
Management
Accessories
Q.
Index
Mini-Com ® TX6 ™ PLUS Shielded Jack Modules
• Exceed requirements of ANSI/TIA-568-C.2 Category 6,
IEEE 802.3an-2006, and ISO 11801 Class E
channel standards
• Meet requirements of IEEE 802.af and IEEE 802.3at for
PoE applications
• Each jack is 100% tested to ensure NEXT and RL
performance and is individually serialized for traceability
• Color-coded, keyed jack modules mechanically and
visually distinguish connections to prevent unintentional
mating with unlike keyed or non-keyed modular plugs
accommodating more discrete networks
• Utilize patent-pending enhanced Giga-TX ™ Technology for
jack terminations which optimizes performance by
maintaining cable pair geometry and eliminating
conductor untwist
• Fully grounded and bonded to patch panel when installed
in Panduit All Metal Modular Patch Panel
• Contacts plated with 50 microinches of gold for
superior performance
• No punchdown tool required; termination tool (EGJT)
ensures conductors are fully terminated by utilizing a
smooth forward motion without impact on critical internal
components for maximum reliability
• Optional termination tool (TGJT) reduces termination time
by 25%, ideal for high volume installations
• Can be re-terminated a minimum of twenty times
• Off white termination cap designates Category 6
performance and provides positive strain relief; helps
control cable bend radius and securely retains wires
• Terminate 4-pair, 22 – 26 AWG, 100 ohm, solid or
stranded shielded twisted pair cable
• Universal termination cap is color-coded for T568A and
T568B wiring schemes
• Integrated strain relief with wire cap provides 360°
conductive path for grounding
• 0.187 in. tab provides conductive path for grounding
individual jacks
• Accept 6 and 8-position modular plugs without damage
• Can be clearly identified with optional labels and icons
• Compatible with Mini-Com ® Modular Patch Panels,
Faceplates, and Surface Mount Boxes
• Optional RJ45 blockout device blocks out unauthorized
access to jack modules and potentially harmful foreign
objects, saving time and money associated with data
security breaches, network downtime, repair, and
hardware replacement
• Optional dust cap keeps out dust and debris while not
in use
*For standard colors other than Black, replace suffix BL (Black) with BU (Blue), RD (Red), YL (Yellow), GR (Green),
OR (Orange), VL (Violet), or GY (Gray), each color representing a different keyed configuration.
Termination tools available on page B.92
of SA-NCCB51.
Shield grounding requires proper installation of shielded jack module and the use of shielded patch cords and cable.
All metal modular patch panels available on page B.69
of SA-NCCB51.
For grounding shielded modules not installed in a shielded patch panel, see the shielded jack module grounding kit,
CJSGK-XY on page M.23
of SA-NCCB51.
RJ45 blockout device available on page B.88
of SA-NCCB51.
Dust cap available on page B.92
of SA-NCCB51.
To ensure optimal performance, Panduit recommends use with other Panduit TX6 ™ PLUS components.
Contact customer service for bulk packaged jack modules.
Part Number
Part Description
No. of
Module
Spaces Color
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Non-Keyed Jack Module
CJS688TGY
Category 6, RJ45, 8-position, 8-wire universal
shielded black module with integral shield.
1
Black
1
50
Keyed Jack Module
CJSK688TGBL* Keyed, Category 6, RJ45, 8-position, 8-wire
universal shielded black module with integral shield.
1
Black
1
50
CJS688TGY
CJSK688TGBL


Similar Part No. - CJS688TGY

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJS6562 ZPSEMI-CJS6562 Datasheet
1Mb / 4P
Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
CJS6562 JIANGSU-CJS6562 Datasheet
970Kb / 6P
N- and P-Channel 12-V(G-S) MOSFET
logo
PANDUIT CORP.
CJS6X88TGY PANDUIT-CJS6X88TGY Datasheet
320Kb / 2P
TX6A 10GIG SHIELDED JACK MODULE
More results

Similar Description - CJS688TGY

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CJ88IWY PANDUIT-CJ88IWY Datasheet
94Kb / 2P
Mini-Com짰 Mini-Jack??Category 3 UTP Jack Modules
CJ688TG PANDUIT-CJ688TG Datasheet
110Kb / 1P
TX6 PLUS CAT6 JACK MODULE
CJK688TG PANDUIT-CJK688TG Datasheet
168Kb / 3P
MINI-COM TX6 PLUS UTP KEYED JACK MODULE CUSTOMER DRAWING
CJS5E88TGY PANDUIT-CJS5E88TGY Datasheet
487Kb / 3P
Mini-Com짰 TX5e??Shielded Jack Modules
CMRPRIW PANDUIT-CMRPRIW Datasheet
81Kb / 2P
Mini-Com짰 RCA Pass-Through Modules
CMSAQSCZBL PANDUIT-CMSAQSCZBL Datasheet
185Kb / 1P
SC Mini-Com짰 Fiber Optic Adapter Modules
CMSTZBU PANDUIT-CMSTZBU Datasheet
120Kb / 1P
ST Mini-Com짰 Fiber Optic Adapter Modules
CJ688TGAW PANDUIT-CJ688TGAW Datasheet
230Kb / 2P
Mini-Com짰 TX6??PLUS UTP Jack Modules
CJ5E88TGBL PANDUIT-CJ5E88TGBL Datasheet
180Kb / 2P
Mini-Com짰 TX5e??UTP Jack Modules
4/2015
CJ688TPIW PANDUIT-CJ688TPIW Datasheet
170Kb / 2P
Mini-Com짰 TX6??PLUS UTP Jack Module
5/2016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com