Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMCSRIW Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # CMCSRIW
Description  ST Mini-Com짰 Fiber Optic Adapter Modules
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CMCSRIW Datasheet(HTML) 1 Page - PANDUIT CORP.

  CMCSRIW Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Order number of pieces required, in multiples of Standard Package Quantity.
Prime items appear in BOLD.
PHYSICAL INFRASTRUCTURE SYSTEMS
A.
System
Overview
B.
Copper
Systems
C.
Fiber
Optic
Systems
D.
Power
over
Ethernet
E.
Zone
Cabling
F.
Wireless
G.
Outlets
H.
Media
Distribution
I.
Physical
Infrastructure
Management
J.
Overhead &
Underfloor
Routing
K.
Surface
Raceway
L.
Cabinets,
Racks &
Cable
Management
M.
Grounding &
Bonding
N.
Industrial
O.
Labeling &
Identification
P.
Cable
Management
Accessories
Q.
Index
ST Mini-Com® Fiber Optic Adapter Modules
• TIA/EIA-604 FOCIS-2 compatible adapters
• Exceed TIA/EIA-568-B.3 requirements
• Compatible with Mini-Com ® products for
complete modularity
• Choice of phosphor bronze or zirconia ceramic split
sleeves to fit specific network requirements; zirconia
ceramic split sleeves are recommended for OM3/OM4
multimode and OS1/OS2 singlemode applications
• Mini-Com ® ST Simplex Adapter Modules are commonly
used with Mini-Com ® Patch Panels
• ST simplex adapters are also available separately, and
in patch panels or fiber adapter panels to provide a
complete ST system solution
CMSTZ
‡For other colors replace suffix BU (Blue) or EI (Electric Ivory) with EI (Electric Ivory), BU (Blue), BL (Black),
IW (Off White) or AW (Arctic White).
Mini-Com® Fiber Cable Strain Relief Module
‡For other colors replace suffix IW (Off White) with BL (Black), BU (Blue), EI (Electric Ivory), IG (International
Gray) or WH (White).
Part Number
Part Description
No. of
Module
Spaces
Module
Color‡
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
CMCSRIW
Fiber cable strain relief module.
1
Off White
1
10
• Provides pass-thru access and strain relief protection of
fiber cable
• Compatible with Mini-Com® products for
complete modularity
• Commonly used with MDU installations on
pages H.1 – H.5
Mini-Com® Blank Module
• Secures opening to prevent tampering
• Compatible with Mini-Com® Modular Patch Panels,
Faceplates, and Surface Mount Boxes
‡For other colors replace suffix BL (Black) with IW (Off White), EI (Electric Ivory), WH (White) or
IG (International Gray).
Part Number
Part Description
No. of
Module
Spaces
Module
Color‡
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
CMSTZBU
Module supplied with one ST singlemode fiber
optic adapter with zirconia ceramic split sleeve.
1
Blue
1
10
CMSTEI
Module supplied with one ST multimode fiber
optic adapter with phosphor bronze split sleeve.
1
Electric
Ivory
1
10
Part Number
Part Description
No. of
Module
Spaces
Color‡
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
CMBBL-X
1-position, reserves space for future use.
1
Black
10
50


Similar Part No. - CMCSRIW

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMCS5062 CENTRAL-CMCS5062 Datasheet
84Kb / 2P
SURFACE MOUNT SILICON CONTROLLED RECTIFIER
CMCS5064 CENTRAL-CMCS5064 Datasheet
84Kb / 2P
SURFACE MOUNT SILICON CONTROLLED RECTIFIER
CMCS5066 CENTRAL-CMCS5066 Datasheet
84Kb / 2P
SURFACE MOUNT SILICON CONTROLLED RECTIFIER
More results

Similar Description - CMCSRIW

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
180-072B06-11-2-89 GLENAIR-180-072B06-11-2-89 Datasheet
181Kb / 2P
Fiber Optic Test Adapter
180-102M07-1 GLENAIR-180-102M07-1 Datasheet
174Kb / 1P
Fiber Optic Probe Adapter
180-089B07-11-8PA GLENAIR-180-089B07-11-8PA Datasheet
196Kb / 2P
Fiber Optic Test Adapter
logo
PANDUIT CORP.
CJS5E88TGY PANDUIT-CJS5E88TGY Datasheet
487Kb / 3P
Mini-Com짰 TX5e??Shielded Jack Modules
CJS688TGY PANDUIT-CJS688TGY Datasheet
486Kb / 3P
Mini-Com짰 TX6??PLUS Shielded Jack Modules
CMDSAQLCZBL PANDUIT-CMDSAQLCZBL Datasheet
73Kb / 2P
LC Sr./Sr. Mini-Com짰 Fiber Optic Adapter Modules
CMRPRIW PANDUIT-CMRPRIW Datasheet
81Kb / 2P
Mini-Com짰 RCA Pass-Through Modules
CMSAQSCZBL PANDUIT-CMSAQSCZBL Datasheet
185Kb / 1P
SC Mini-Com짰 Fiber Optic Adapter Modules
CJ688TGAW PANDUIT-CJ688TGAW Datasheet
230Kb / 2P
Mini-Com짰 TX6??PLUS UTP Jack Modules
CJ5E88TGBL PANDUIT-CJ5E88TGBL Datasheet
180Kb / 2P
Mini-Com짰 TX5e??UTP Jack Modules
4/2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com