Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMDBLSCBL Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # CMDBLSCBL
Description  SC Mini-Com짰 Fiber Optic Adapter Modules
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CMDBLSCBL Datasheet(HTML) 1 Page - PANDUIT CORP.

  CMDBLSCBL Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.panduit.com
For service and technical support, call 866-405-6654 (outside the U.S. and Canada, see
catalog back cover).
A.
System
Overview
B.
Copper
Systems
C.
Fiber
Optic
Systems
D.
Power
over
Ethernet
E.
Zone
Cabling
F.
Wireless
G.
Outlets
H.
Media
Distribution
I.
Physical
Infrastructure
Management
J.
Overhead &
Underfloor
Routing
K.
Surface
Raceway
L.
Cabinets,
Racks &
Cable
Management
M.
Grounding &
Bonding
N.
Industrial
O.
Labeling &
Identification
P.
Cable
Management
Accessories
Q.
Index
PHYSICAL INFRASTRUCTURE SYSTEMS
SC Mini-Com® Fiber Optic Adapter Modules
• TIA/EIA-604 FOCIS-3 compliant adapters
• Exceed TIA/EIA-568-B.3 requirements
• Adapter housing colors follow TIA/EIA-568-C.3 suggested
color identification scheme
• Compatible with Mini-Com ® products for
complete modularity
• Improved protective cap fully surrounds split
sleeve opening
• Choice of phosphor bronze or zirconia ceramic split
sleeves to fit specific network requirements; zirconia
ceramic split sleeves are recommended for OM3/OM4
multimode and OS1/OS2 singlemode applications
• Every adapter is laser marked with Q.C. number to assure
100% traceability
• Mini-Com ® SC Simplex Adapter Modules are commonly
used with Mini-Com ® Patch Panels, Faceplates, and
Surface Mount Boxes
• SC simplex and duplex adapters are also available
separately on page C.30 and in patch panels
or fiber adapter panels to provide a complete SC
system solution
CMDAQSC
CMDBLSC
CMDEISC
CMSBUSCZ
CMSAGSCZ
‡For other colors module colors, replace suffix BL (Black), EL (Electric Ivory), or BU (Blue) with EI (Electric Ivory),
BU (Blue), BL (Black), IW (Off White) or AW (Arctic White). 10Gigand APC Adapters are available in black
modules only.
Part Number
Part Description
No. of
Module
Spaces
Module
Color‡
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
SC Fiber Optic Adapter Modules – 10Gig OM3/OM4 50/125μm (Aqua Adapters)
CMSAQSCZBL
Module supplied with one SC 10GigSimplex
Multimode Fiber Optic Adapter (AQ) with
zirconia ceramic split sleeve.
1
Black
1
10
CMSAQSCBL
Module supplied with one SC 10GigSimplex
Multimode Fiber Optic Adapter (AQ) with
phosphor bronze split sleeve.
1
Black
1
10
CMDAQSCZBL
Module supplied with one SC 10GigDuplex
Multimode Fiber Optic Adapter (AQ) with
zirconia ceramic split sleeves.
2
Black
1
10
CMDAQSCBL
Module supplied with one SC 10GigDuplex
Multimode Fiber Optic Adapter (AQ) with
phosphor bronze split sleeves.
2
Black
1
10
SC Fiber Optic Adapter Modules – OM2 50/125μm (Black Adapters)
CMSBLSCBL
Module supplied with one SC simplex
multimode fiber optic adapter (BL) with
phosphor bronze split sleeve.
1
Black
1
10
CMDBLSCBL
Module supplied with one SC duplex multimode
fiber optic adapter (BL) with phosphor bronze
split sleeves.
2
Black
1
10
SC Fiber Optic Adapter Modules – OM1 62.5/125μm (Electric Ivory Adapters)
CMSEISCEI
Module supplied with one SC simplex
multimode fiber optic adapter (EI) with phosphor
bronze split sleeve.
1
Electric
Ivory
110
CMDEISCEI
Module supplied with one SC duplex multimode
fiber optic adapter (EI) with phosphor bronze
split sleeves.
2
Electric
Ivory
110
SC Fiber Optic Adapter Modules – OS1/OS2 9/125μm (Blue Adapters)
CMSBUSCZBU
Module supplied with one SC simplex
singlemode fiber optic adapter (BU) with
zirconia ceramic split sleeve.
1
Blue
1
10
CMDBUSCZBU
Module supplied with one SC duplex
singlemode fiber optic adapter (BU) with
zirconia ceramic split sleeves.
2
Blue
1
10
SC Fiber Optic Adapter Modules – APC OS1/OS2 9/125μm (Green Adapters)
CMSAGSCZBL
Module supplied with one SC APC simplex
singlemode fiber optic adapter (AG) with
zirconia ceramic split sleeve.
1
Black
1
10
CMDAGSCZBL
Module supplied with one SC APC duplex
singlemode fiber optic adapter (AG) with
zirconia ceramic split sleeves.
2
Black
1
10


Similar Part No. - CMDBLSCBL

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CMDB WALL-CMDB Datasheet
248Kb / 3P
40 Watt Single Output 2:1 Input Voltage Range Chassis Mount DC/DC Converter
CMDB12S1.5-12 WALL-CMDB12S1.5-12 Datasheet
248Kb / 3P
40 Watt Single Output 2:1 Input Voltage Range Chassis Mount DC/DC Converter
CMDB12S1.8-14 WALL-CMDB12S1.8-14 Datasheet
248Kb / 3P
40 Watt Single Output 2:1 Input Voltage Range Chassis Mount DC/DC Converter
CMDB12S12-40 WALL-CMDB12S12-40 Datasheet
248Kb / 3P
40 Watt Single Output 2:1 Input Voltage Range Chassis Mount DC/DC Converter
CMDB12S15-40 WALL-CMDB12S15-40 Datasheet
248Kb / 3P
40 Watt Single Output 2:1 Input Voltage Range Chassis Mount DC/DC Converter
More results

Similar Description - CMDBLSCBL

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
180-072B06-11-2-89 GLENAIR-180-072B06-11-2-89 Datasheet
181Kb / 2P
Fiber Optic Test Adapter
180-102M07-1 GLENAIR-180-102M07-1 Datasheet
174Kb / 1P
Fiber Optic Probe Adapter
logo
PANDUIT CORP.
F6D3-3M1 PANDUIT-F6D3-3M1 Datasheet
106Kb / 2P
SC Fiber Optic Connectors
CJS5E88TGY PANDUIT-CJS5E88TGY Datasheet
487Kb / 3P
Mini-Com짰 TX5e??Shielded Jack Modules
CJS688TGY PANDUIT-CJS688TGY Datasheet
486Kb / 3P
Mini-Com짰 TX6??PLUS Shielded Jack Modules
CMDSAQLCZBL PANDUIT-CMDSAQLCZBL Datasheet
73Kb / 2P
LC Sr./Sr. Mini-Com짰 Fiber Optic Adapter Modules
CMRPRIW PANDUIT-CMRPRIW Datasheet
81Kb / 2P
Mini-Com짰 RCA Pass-Through Modules
CMSTZBU PANDUIT-CMSTZBU Datasheet
120Kb / 1P
ST Mini-Com짰 Fiber Optic Adapter Modules
CJ688TGAW PANDUIT-CJ688TGAW Datasheet
230Kb / 2P
Mini-Com짰 TX6??PLUS UTP Jack Modules
CJ5E88TGBL PANDUIT-CJ5E88TGBL Datasheet
180Kb / 2P
Mini-Com짰 TX5e??UTP Jack Modules
4/2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com