Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP528-M Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # MP528-M
Description  28 AWG UTP Modular Plug
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

MP528-M Datasheet(HTML) 1 Page - PANDUIT CORP.

  MP528-M Datasheet HTML 1Page - PANDUIT CORP. MP528-M Datasheet HTML 2Page - PANDUIT CORP. MP528-M Datasheet HTML 3Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.panduit.com
IEC compliance:
IEC 60603-7
RoHS compliance:
Compliant
Conductor termination:
Compatible with most 28 AWG solid or stranded cable cables with
0.140 in. to 0.160 in. (3.55mm to 4.06mm) outer jacket diameter and
0.024 in. (0.61mm) maximum conductor insulation diameter
Operating temperature:
-14°F to 140°F (-10°C to 60°C)
Storage temperature:
-40°F to 158°F (-40°C to 70°C)
Plug Housing:
UL94V-0 rated clear Polycarbonate
Contacts:
Gold plated phosphor bronze
key features and benefits
technical information
specifications
Category 5e/Class D, 8-position, 8-wire, UTP modular plug
shall terminate most 4-pair, 28 AWG, 100 ohm, solid or
stranded, unshielded twisted pair cable with maximum
conductor insulation diameter of 0.024 in. (0.61mm). Pair
manager shall simplify termination and shall provide strain
relief for small diameter, 28 AWG cable. Modular plug shall
terminate to T568A and T568B wiring schemes.
Patented
Prevents snags and provides easy release, saving time and
tangle-free latch
providing reliability on frequent moves, adds, and changes
Robust construction
Rated to 2500 mating cycles
PanPlug
™ 28 AWG UTP Modular Plug
PanPlug ™ UTP Modular Plug
50/pack:
MP528-L
100/pack:
MP528-C
1000/pack:
MP528-M
Tools and Accessories
Small gauge plug
assembly tool:
SGPT
Crimp tool:
MPT5-8AS
Wire prep tool:
WPT-8
Standard RJ45
plug lock-in device:
PSL-DCPLX^
Recessed RJ45
plug lock-in device:
PSL-DCPLRX^
^For colors other than Red, add suffix
-BL (Black), -BU (Blue), -GR (Green), -YL (Yellow),
-OR (Orange), IW (International White), or -IG
(International Gray) to the end of the
part number.
10/package. Add -C for bulk packages of 100.
SPECIFICA TION SHEET


Similar Part No. - MP528-M

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5220 MPS-MP5220 Datasheet
470Kb / 10P
High Speed, /-9V, Rail-to-Rail Input-Output Op Amps
MP5220DK MPS-MP5220DK Datasheet
470Kb / 10P
High Speed, /-9V, Rail-to-Rail Input-Output Op Amps
MP5221 MPS-MP5221 Datasheet
480Kb / 12P
High Speed, Rail-to-Rail Input-Output, and Single-Supply Op Amps
MP5221DK MPS-MP5221DK Datasheet
480Kb / 12P
High Speed, Rail-to-Rail Input-Output, and Single-Supply Op Amps
More results

Similar Description - MP528-M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7001-8P8C-R ETC2-7001-8P8C-R Datasheet
148Kb / 2P
Modular Plug
logo
PANDUIT CORP.
MP530-C PANDUIT-MP530-C Datasheet
191Kb / 1P
PAN-PLUG CATEGORY 5E 30 AWG UTP MODULAR PLUG WITH BOOT
MP588-L PANDUIT-MP588-L Datasheet
116Kb / 3P
5e UTP Modular Plug
logo
Tripp Lite. All Rights ...
N230-100-STR TRIPPLITE-N230-100-STR Datasheet
167Kb / 2P
Cat6 RJ45 Modular Plug for Round Stranded UTP Conductor 4-Pair, 100 Pack
logo
PANDUIT CORP.
SP6X88-C PANDUIT-SP6X88-C Datasheet
198Kb / 2P
6A UTP Modular Plug for 23-24 AWG Solid Cable
logo
Belden Inc.
RVAFPUBK-S1 BELDEN-RVAFPUBK-S1 Datasheet
119Kb / 3P
Modular Connectors - REVConnect Plug 10GX UTP
RV6MJKUEW-S1 BELDEN-RV6MJKUEW-S1 Datasheet
117Kb / 3P
RV5MJKUXX-S1 Modular Connectors - REVConnect Jack CAT5E UTP
10-28-2019
logo
Tripp Lite. All Rights ...
N232-050-UTP TRIPPLITE-N232-050-UTP Datasheet
57Kb / 2P
Cat6 RJ45 Pass-Through UTP Modular Plug, 50 Pack
N232-100-UTP TRIPPLITE-N232-100-UTP Datasheet
57Kb / 2P
Cat6 RJ45 Pass-Through UTP Modular Plug, 100 Pack
logo
CONEC Elektronische Bau...
161A13439X CONEC-161A13439X Datasheet
54Kb / 1P
PLUG CONTACT CRIMP AWG 28-24
26.09.2011
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com