Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1MA73-R33NF Datasheet(PDF) 4 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MA73-R33NF
Description  Shielded Construction with very low DCR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MA73-R33NF Datasheet(HTML) 4 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1MA73-R33NF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA73-R33NF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA73-R33NF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA73-R33NF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA73-R33NF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA73-R33NF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA73-R33NF Datasheet HTML 7Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA73-R33NF Datasheet HTML 8Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA73-R33NF Datasheet HTML 9Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
 
 
 
4 
1MA Series
Shielded Power Inductor– Low DCR Type
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                         Ver.:1MA‐2013A
Accetek 
Inductance2
DCR3
Drawing Fig.
Part Number1
μH
Tolerance
Typ.(Ω)
Max.(Ω)
Irms4(A)
Isat5 (A)
Metal Base
Plastic Base
1MA74-120MF_
12.0
±20%
0.0500
0.0580
2.17
2.50
B1
B2
1MA74-150MF_
15.0
±20%
0.0637
0.0764
2.11
2.20
B1
B2
1MA74-180MF_
18.0
±20%
0.0835
0.0910
1.84
2.00
B1
B2
1MA74-220MF_
22.0
±20%
0.0925
0.1100
1.75
1.90
B1
B2
1MA74-270MF_
27.0
±20%
0.125
0.150
1.50
1.70
B1
B2
1MA74-330MF_
33.0
±20%
0.143
0.170
1.41
1.50
B1
B2
1MA74-390MF_
39.0
±20%
0.190
0.228
1.22
1.30
B1
B2
1MA74-470MF_
47.0
±20%
0.216
0.259
1.15
1.20
B1
B2
1MA74-560MF_
56.0
±20%
0.230
0.276
1.11
1.10
B1
B2
1MA74-680MF_
68.0
±20%
0.265
0.318
1.03
1.00
B1
B2
1MA74-820MF_
82.0
±20%
0.345
0.414
0.91
0.90
B1
B2
1MA74-101MF_
100
±20%
0.383
0.460
0.86
0.80
B1
B2
1MA74-121MF_
120
±20%
0.515
0.618
0.74
0.70
B1
B2
1MA74-151MF_
150
±20%
0.591
0.709
0.69
0.65
B1
B2
1MA74-181MF_
180
±20%
0.760
0.912
0.61
0.62
B1
B2
1MA74-221MF_
220
±20%
0.907
1.088
0.56
0.59
B1
B2
1MA74-271MF_
270
±20%
1.210
1.452
0.48
0.55
B1
B2
1MA74-331MF_
330
±20%
1.410
1.692
0.45
0.49
B1
B2
1MA74-391MF_
390
±20%
1.525
1.830
0.43
0.45
B1
B2
1MA74-471MF_
470
±20%
1.740
2.088
0.40
0.41
B1
B2
1MA74-561MF_
560
±20%
2.220
2.664
0.36
0.38
B1
B2
1MA74-681MF_
680
±20%
2.580
3.096
0.33
0.36
B1
B2
1MA74-821MF_
820
±20%
2.930
3.516
0.31
0.30
B1
B2
1MA74-102MF_
1000
±20%
3.890
4.668
0.27
0.27
B1
B2
1MA124-R47NF_
0.47
±30%
0.0045
0.0055
9.50
20.90
C1
C2
1MA124-1R0NF_
1.00
±30%
0.0055
0.0063
8.50
18.40
C1
C2
1MA124-1R5NF_
1.50
±30%
0.0087
0.0097
7.80
10.64
C1
C2
1MA124-2R7NF_
2.70
±30%
0.0103
0.0115
6.80
9.69
C1
C2
1MA124-3R3NF_
3.30
±30%
0.0115
0.0130
6.30
8.46
C1
C2
1MA124-4R7MF_
4.70
±20%
0.0135
0.0160
6.00
8.52
C1
C2
1MA124-6R8MF_
6.80
±20%
0.0210
0.0250
5.20
6.52
C1
C2
1MA124-8R2MF_
8.20
±20%
0.0275
0.0290
4.67
5.98
C1
C2
1MA124-100MF_
10.0
±20%
0.0268
0.0300
3.90
5.72
C1
C2
1MA124-120MF_
12.0
±20%
0.0369
0.0380
3.65
5.02
C1
C2
1MA124-150MF_
15.0
±20%
0.0486
0.0500
3.40
4.58
C1
C2
1MA124-180MF_
18.0
±20%
0.0510
0.0567
3.19
4.28
C1
C2
1MA124-220MF_
22.0
±20%
0.0603
0.0670
3.14
3.76
C1
C2
1MA124-270MF_
27.0
±20%
0.0675
0.0750
2.86
3.46
C1
C2
1MA124-330MF_
33.0
±20%
0.0817
0.0908
2.60
3.14
C1
C2
1MA124-390MF_
39.0
±20%
0.0952
0.1058
2.39
2.72
C1
C2
1MA124-470MF_
47.0
±20%
0.121
0.134
2.10
2.66
C1
C2
1MA124-560MF_
56.0
±20%
0.134
0.149
2.01
2.34
C1
C2
1MA124-680MF_
68.0
±20%
0.167
0.186
1.80
2.10
C1
C2
1MA124-820MF_
82.0
±20%
0.189
0.210
1.72
1.80
C1
C2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com