Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1ME252010H-R24MF Datasheet(PDF) 3 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1ME252010H-R24MF
Description  Low Profile Shielded Power Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1ME252010H-R24MF Datasheet(HTML) 3 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1ME252010H-R24MF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME252010H-R24MF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME252010H-R24MF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME252010H-R24MF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME252010H-R24MF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
 
 
 
3 
1ME Series
Low Profile Shielded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                        Ver.:1ME‐H‐2014A
Accetek 
Inductance
DCR
Part Number
μH
Tolerance
Typ.(Ω)
Max.(Ω)
Irms(A)
Isat(A)
1ME252012H-220MF
22.0
±20%
0.910
1.090
0.60
0.55
1ME252012H-330MF
33.0
±20%
1.530
1.840
0.46
0.40
1ME252012H-470MF
47.0
±20%
1.850
2.220
0.35
0.30
1ME3012H-1R0MF
1.0
±20%
0.032
0.040
2.50
2.50
1ME3012H-2R2MF
2.2
±20%
0.075
0.090
1.60
1.80
1ME3012H-3R3MF
3.3
±20%
0.112
0.134
1.60
1.55
1ME3012H-100MF
10.0
±20%
0.310
0.372
0.80
0.90
1ME3012H-220MF
22.0
±20%
0.700
0.840
0.55
0.60
1ME3015H-R47MF
0.47
±20%
0.018
0.022
3.50
3.00
1ME3015H-1R0MF
1.0
±20%
0.033
0.040
2.50
2.80
1ME3015H-1R5MF
1.5
±20%
0.040
0.048
2.30
2.30
1ME3015H-2R2MF
2.2
±20%
0.050
0.060
2.05
1.70
1ME3015H-3R3MF
3.3
±20%
0.070
0.084
1.70
1.50
1ME3015H-4R7MF
4.7
±20%
0.096
0.115
1.50
1.20
1ME3015H-6R8MF
6.8
±20%
0.120
0.144
1.35
0.90
1ME3015H-100MF
10.0
±20%
0.230
0.276
0.97
0.90
1ME3015H-150MF
15.0
±20%
0.300
0.360
0.84
0.70
1ME3015H-220MF
22.0
±20%
0.450
0.540
0.70
0.60
1ME3015H-330MF
33.0
±20%
0.910
1.090
0.55
0.55
1ME3015H-470MF
47.0
±20%
1.040
1.250
0.50
0.42
1ME4012H-R47NF
0.47
±30%
0.027
0.032
3.20
4.20
1ME4012H-R82NF
0.82
±30%
0.035
0.042
2.90
3.50
1ME4012H-1R0NF
1
±30%
0.042
0.050
2.50
3.30
1ME4012H-1R5NF
1.5
±30%
0.042
0.050
2.50
2.40
1ME4012H-1R8NF
1.8
±30%
0.055
0.660
2.30
2.20
1ME4012H-2R2MF
2.2
±20%
0.055
0.066
2.30
2.20
1ME4012H-2R7MF
2.7
±20%
0.070
0.084
2.00
1.80
1ME4012H-3R3MF
3.3
±20%
0.070
0.084
2.00
1.70
1ME4012H-3R6MF
3.6
±20%
0.075
0.090
2.00
1.60
1ME4012H-4R3MF
4.3
±20%
0.090
0.108
1.80
1.50
1ME4012H-4R7MF
4.7
±20%
0.090
0.108
1.80
1.40
1ME4012H-5R1MF
5.1
±20%
0.110
0.132
1.60
1.40
1ME4012H-5R6MF
5.6
±20%
0.110
0.132
1.60
1.30
1ME4012H-6R8MF
6.8
±20%
0.125
0.150
1.60
1.10
1ME4012H-100MF
10.0
±20%
0.170
0.204
1.30
0.90
1ME4012H-120MF
12.0
±20%
0.260
0.312
1.00
1.00
1ME4012H-150MF
15.0
±20%
0.260
0.312
1.00
0.80
1ME4012H-180MF
18.0
±20%
0.360
0.432
0.90
0.80
1ME4012H-220MF
22.0
±20%
0.380
0.460
0.90
0.65
1ME4012H-270MF
27.0
±20%
0.560
0.672
0.73
0.60
1ME4012H-330MF
33.0
±20%
0.630
0.756
0.68
0.55
1ME4012H-360MF
36.0
±20%
0.630
0.756
0.68
0.50
1ME4012H-390MF
39.0
±20%
0.990
1.188
0.54
0.62
1ME4012H-470MF
47.0
±20%
0.990
1.188
0.54
0.50
1ME4012H-560MF
56.0
±20%
1.100
1.320
0.52
0.45
1ME4012H-680MF
68
±20%
1.500
1.800
0.44
0.45
1ME4012H-820MF
82
±20%
1.700
2.040
0.42
0.38
1ME4012H-101MF
100
±20%
1.700
2.040
0.42
0.31
1ME4018H-1R0NF
1.0
±30%
0.027
0.032
3.70
4.80
1ME4018H-1R5NF
1.5
±30%
0.031
0.037
3.30
4.30
1ME4018H-2R2MF
2.2
±20%
0.042
0.050
2.90
3.40
1ME4018H-3R3MF
3.3
±20%
0.055
0.066
2.50
2.90
1ME4018H-4R7MF
4.7
±20%
0.070
0.084
2.10
2.20
1ME4018H-6R8MF
6.8
±20%
0.098
0.118
1.70
1.80
1ME4018H-100MF
10.0
±20%
0.150
0.180
1.50
1.50
1ME4018H-150MF
15.0
±20%
0.210
0.252
1.20
1.20
1ME4018H-220MF
22.0
±20%
0.290
0.348
1.00
1.10



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com