Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1MA124-R47NF Datasheet(PDF) 6 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MA124-R47NF
Description  Shielded Construction with very low DCR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MA124-R47NF Datasheet(HTML) 6 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1MA124-R47NF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA124-R47NF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA124-R47NF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA124-R47NF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA124-R47NF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA124-R47NF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA124-R47NF Datasheet HTML 7Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA124-R47NF Datasheet HTML 8Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MA124-R47NF Datasheet HTML 9Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
 
 
 
6 
1MA Series
Shielded Power Inductor– Low DCR Type
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                         Ver.:1MA‐2013A
Accetek 
Inductance2
DCR3
Drawing Fig.
Part Number1
μH
Tolerance
Typ.(Ω)
Max.(Ω)
Irms4(A)
Isat5 (A)
Metal Base
Plastic Base
1MA125-681MF_
680
±20%
0.887
0.910
0.83
0.70
D1
D2
1MA125-821MF_
820
±20%
1.130
1.152
0.74
0.63
D1
D2
1MA125-102MF_
1000
±20%
1.295
1.335
0.68
0.57
D1
D2
1MA127-R47NF_
0.47
±30%
0.00195
0.00300
17.90
26.40
E1
E2
1MA127-1R0NF_
1.00
±30%
0.00261
0.00450
15.50
18.60
E1
E2
1MA127-1R5NF_
1.50
±30%
0.00341
0.00600
13.50
15.00
E1
E2
1MA127-2R2NF_
2.20
±30%
0.00400
0.00680
12.70
14.30
E1
E2
1MA127-3R3NF_
3.30
±30%
0.00680
0.00816
10.40
12.50
E1
E2
1MA127-3R9NF_
3.90
±30%
0.00850
0.01020
8.77
10.56
E1
E2
1MA127-4R7MF_
4.70
±20%
0.00940
0.01128
8.25
10.23
E1
E2
1MA127-5R6MF_
5.60
±20%
0.0108
0.0130
7.47
9.46
E1
E2
1MA127-6R8MF_
6.80
±20%
0.0120
0.0144
7.34
8.80
E1
E2
1MA127-8R2MF_
8.20
±20%
0.0160
0.0192
6.32
8.25
E1
E2
1MA127-100MF_
10.0
±20%
0.0172
0.0200
6.04
7.26
E1
E2
1MA127-120MF_
12.0
±20%
0.0218
0.0240
5.37
6.50
E1
E2
1MA127-150MF_
15.0
±20%
0.0240
0.0270
5.04
6.00
E1
E2
1MA127-180MF_
18.0
±20%
0.0308
0.0370
4.52
5.40
E1
E2
1MA127-220MF_
22.0
±20%
0.0330
0.0396
4.21
5.00
E1
E2
1MA127-270MF_
27.0
±20%
0.0350
0.0420
3.74
3.80
E1
E2
1MA127-330MF_
33.0
±20%
0.0470
0.0564
3.58
3.70
E1
E2
1MA127-390MF_
39.0
±20%
0.0530
0.0636
3.35
3.60
E1
E2
1MA127-470MF_
47.0
±20%
0.0719
0.0863
2.96
3.45
E1
E2
1MA127-560MF_
56.0
±20%
0.0802
0.0962
2.80
2.90
E1
E2
1MA127-680MF_
68.0
±20%
0.0900
0.1080
2.62
2.70
E1
E2
1MA127-820MF_
82.0
±20%
0.120
0.144
2.23
2.50
E1
E2
1MA127-101MF_
100
±20%
0.135
0.162
2.16
2.40
E1
E2
1MA127-121MF_
120
±20%
0.182
0.218
1.86
2.00
E1
E2
1MA127-151MF_
150
±20%
0.216
0.259
1.71
1.80
E1
E2
1MA127-181MF_
180
±20%
0.229
0.275
1.66
1.70
E1
E2
1MA127-221MF_
220
±20%
0.323
0.388
1.39
1.50
E1
E2
1MA127-271MF_
270
±20%
0.415
0.498
1.23
1.30
E1
E2
1MA127-331MF_
330
±20%
0.487
0.584
1.14
1.20
E1
E2
1MA127-391MF_
390
±20%
0.533
0.640
1.09
1.10
E1
E2
1MA127-471MF_
470
±20%
0.707
0.848
0.94
1.00
E1
E2
1MA127-561MF_
560
±20%
0.777
0.932
0.90
0.90
E1
E2
1MA127-681MF_
680
±20%
1.045
1.254
0.78
0.80
E1
E2
1MA127-821MF_
820
±20%
1.166
1.399
0.73
0.80
E1
E2
1MA127-102MF_
1000
±20%
1.334
1.601
0.69
0.70
E1
E2
1MA129-R47NF_
0.47
±30%
0.0022
0.0033
17.50
27.50
F1
F2
1MA129-1R0NF_
1.00
±30%
0.0034
0.0051
14.00
25.00
F1
F2
1MA129-2R2NF_
2.20
±30%
0.0050
0.0060
11.50
20.00
F1
F2
1MA129-3R5NF_
3.50
±30%
0.0060
0.0090
11.00
16.50
F1
F2
1MA129-4R7MF_
4.70
±20%
0.0070
0.0110
9.30
13.00
F1
F2
1MA129-6R8MF_
6.80
±20%
0.0090
0.0140
8.40
12.80
F1
F2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com