Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1MK160805-R33MF Datasheet(PDF) 1 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MK160805-R33MF
Description  Ultra-low profile Multilayer Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MK160805-R33MF Datasheet(HTML) 1 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1MK160805-R33MF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MK160805-R33MF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MK160805-R33MF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
 
1 
1MK Series
Ultra-low profile Multilayer Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                         Ver.:1MK‐2014A
Accetek 
A FEATURES
 Multilayer construction with ultra-low profile
 Suitable for applications with high currents up to 1.8A
 High saturation current up to 1.6A
 Magnetically shielded construction
 Operating Temperature range from -40°C to +125°C (Including Self-heating)
 260°C reflow peak temperature qualified
B PART NUMBER SYSTEM
1MK
2012
-
100
M
F
❶ 
❷ 
 
❸ 
❹ 
❺ 
 
❶ 
Series
❷ 
Dimension Code (L*W*H) (mm)
1MK
Series Code
160805(1.6×0.8×0.5)
160809(1.6×0.8×0.9)
201206(2.0×1.25×0.5)
201210(2.0×1.25×0.9)
201214(2.0×1.25×1.25)
201610(2.0×1.6×0.9)
201612(2.0×1.6×1.1)
252010(2.5×2.0×0.9)
252012(2.5×2.0×1.1)
❸ 
Inductance Code
❹ 
Inductance Tolerance
e.g.
Calculation
M
±20%
2R2
2.2μH
 
100
10×100μH = 10μH
❺ 
RoHS Compliant
101
10×101μH = 100μH
C DRAWINGS AND DIMENSIONS
 
Drawing
Schematic
A
B
C
D
I
I
J
H
Land Pattern
1
2
Case Size
Dimensions (mm)
A
B
C
D
Href.
Iref.
Jref.
1MK160805
1.6±0.15
0.8±0.15
0.5±0.05
0.3±0.2
1.0
0.55
0.7
1MK160809
1.6±0.15
0.8±0.15
0.8±0.15
0.3±0.2
1.0
0.55
0.7
1MK201206
2.0±0.2
1.25±0.2
0.5±0.1
0.5±0.3
1.45
0.7
0.8
1MK201210
2.0±0.2
1.25±0.2
0.9±0.1
0.5±0.3
1.45
0.7
0.8
1MK201214
2.0±0.2
1.25±0.2
1.25±0.1
0.5±0.3
1.45
0.7
0.8
1MK201610
2.0±0.2
1.6±0.2
0.9±0.1
0.5±0.3
1.8
0.8
0.8
1MK201612
2.0±0.2
1.6±0.2
1.1±0.1
0.5±0.3
1.8
0.8
0.8
1MK252010
2.5±0.2
2.0±0.2
0.9±0.1
0.5±0.3
2.2
0.8
1.2
1MK252012
2.5±0.2
2.0±0.2
1.1±0.1
0.5±0.3
2.2
0.8
1.2


Similar Description - 1MK160805-R33MF

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P7606 ETAL-P7606 Datasheet
132Kb / 4P
ULTRA LOW PROFILE POWER INDUCTOR
P7610 ETAL-P7610 Datasheet
101Kb / 3P
ULTRA LOW PROFILE POWER INDUCTOR
logo
Abracon Corporation
ASPI-0309 ABRACON-ASPI-0309 Datasheet
3Mb / 3P
ULTRA LOW PROFILE UNSHIELDED SMD CHIP POWER INDUCTOR
03.24.11
ASPI-0310FS ABRACON-ASPI-0310FS Datasheet
1Mb / 3P
ULTRA LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
02.23.16
logo
RENCO ELECTRONICS, INC.
RL-3010 RENCO-RL-3010 Datasheet
425Kb / 2P
LOW PROFILE SMD POWER INDUCTOR
RL-3015 RENCO-RL-3015 Datasheet
425Kb / 2P
LOW PROFILE SMD POWER INDUCTOR
RL-4012 RENCO-RL-4012 Datasheet
426Kb / 2P
LOW PROFILE SMD POWER INDUCTOR
RL-4013 RENCO-RL-4013 Datasheet
428Kb / 2P
SHIELDED LOW PROFILE POWER INDUCTOR
RL-4014 RENCO-RL-4014 Datasheet
428Kb / 2P
SHIELDED LOW PROFILE POWER INDUCTOR
RL-4017 RENCO-RL-4017 Datasheet
109Kb / 2P
SHIELDED LOW PROFILE POWER INDUCTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com