Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1MK160805-R68MF Datasheet(PDF) 2 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MK160805-R68MF
Description  Ultra-low profile Multilayer Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MK160805-R68MF Datasheet(HTML) 2 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1MK160805-R68MF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MK160805-R68MF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MK160805-R68MF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
 
 
 
2 
1MK Series
Ultra-low profile Multilayer Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                         Ver.:1MK‐2014A
Accetek 
D SPECIFICATIONS
Inductance
DCR
SRFmin
Part Number
μH
Tolerance
Typ.(Ω)
Max.(Ω)
Irms(A)
Isat(A)
MHz
1MK160805-R22MF
0.22
±20%
0.120
0.150
1.20
1.45
180
1MK160805-R33MF
0.33
±20%
0.160
0.200
1.10
1.35
140
1MK160805-R47MF
0.47
±20%
0.180
0.225
1.15
1.05
120
1MK160805-R68MF
0.68
±20%
0.220
0.275
0.90
0.80
100
1MK160805-1R0MF
1.0
±20%
0.320
0.400
0.80
0.70
90
1MK160809-R22MF
0.22
±20%
0.100
0.125
1.25
1.60
200
1MK160809-R33MF
0.33
±20%
0.130
0.162
1.20
1.50
190
1MK160809-R47MF
0.47
±20%
0.150
0.187
1.10
1.20
180
1MK160809-R68MF
0.68
±20%
0.180
0.225
1.15
1.10
160
1MK160809-1R0MF
1.0
±20%
0.200
0.250
1.00
0.80
125
1MK160809-1R5MF
1.5
±20%
0.230
0.285
0.90
0.50
100
1MK160809-2R2MF
2.2
±20%
0.300
0.375
0.85
0.30
80
1MK201206-R47MF
0.47
±20%
0.120
0.150
1.10
1.30
80
1MK201206-1R0MF
1
±20%
0.190
0.237
0.80
0.70
40
1MK201206-1R5MF
1.5
±20%
0.260
0.325
0.70
0.50
35
1MK201206-2R2MF
2.2
±20%
0.320
0.400
0.60
0.35
30
1MK201210-R47MF
0.47
±20%
0.080
0.100
1.50
1.20
100
1MK201210-1R0MF
1
±20%
0.110
0.137
1.30
1.15
60
1MK201210-1R5MF
1.5
±20%
0.160
0.200
1.10
0.80
50
1MK201210-2R2MF
2.2
±20%
0.200
0.250
0.90
0.60
40
1MK201210-3R3MF
3.3
±20%
0.200
0.250
0.90
0.35
30
1MK201210-4R7MF
4.7
±20%
0.250
0.312
0.80
0.28
30
1MK201214-4R7MF
4.7
±20%
0.400
0.500
0.75
0.63
20
1MK201214-6R8MF
6.8
±20%
0.300
0.375
1.00
0.25
45
1MK201214-100MF
10
±20%
0.300
0.375
1.00
0.13
35
1MK201610-R47MF
0.47
±20%
0.080
0.100
1.50
1.60
100
1MK201610-1R0MF
1
±20%
0.090
0.112
1.40
1.20
70
1MK201610-1R5MF
1.5
±20%
0.110
0.137
1.20
0.70
60
1MK201610-2R2MF
2.2
±20%
0.110
0.137
1.20
0.50
50
1MK201610-3R3MF
3.6
±20%
0.120
0.150
1.20
0.33
40
1MK201610-4R7MF
4.7
±20%
0.140
0.175
1.10
0.22
30
1MK201612-6R8MF
6.8
±20%
0.170
0.212
1.20
0.22
40
1MK201612-100MF
10
±20%
0.250
0.312
1.10
0.20
35
1MK252010-R47MF
0.47
±20%
0.040
0.050
1.80
1.50
105
1MK252010-1R0MF
1
±20%
0.060
0.075
1.60
1.40
70
1MK252010-1R5MF
1.5
±20%
0.070
0.087
1.50
1.20
65
1MK252010-2R2MF
2.2
±20%
0.200
0.250
1.20
1.50
60
1MK252010-3R3MF
3.3
±20%
0.250
0.312
1.10
1.20
55
1MK252010-4R7MF
4.7
±20%
0.380
0.475
0.90
0.75
35
1MK252010-6R8MF
6.8
±20%
0.450
0.562
0.75
0.35
30
1MK252010-100MF
10
±20%
0.500
0.625
0.70
0.25
25
1MK252012-1R0MF
1
±20%
0.085
0.106
2.10
2.10
85
1MK252012-2R2MF
2.2
±20%
0.250
0.312
1.10
1.60
50
1MK252012-3R3MF
3.3
±20%
0.250
0.312
1.10
1.25
50
1MK252012-4R7MF
4.7
±20%
0.400
0.500
0.90
0.80
35
1MK252012-6R8MF
6.8
±20%
0.500
0.625
0.80
0.75
30
1MK252012-100MF
10
±20%
0.500
0.625
0.80
0.50
25
1. Inductance measured @ 1MHz at 25°C temperature.
2. DCR measured @ 25°C.
3. Irms: DC current for an approximate 40°C rise from 20°C ambient temperature.
4. Isat: DC Current for approximate 30% roll off at 25°C.
5. Specifications subject to change without notice please check our website for latest information.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com