Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1ME3012-R82NF Datasheet(PDF) 3 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1ME3012-R82NF
Description  Magnetic epoxy shielded construction reduces 30% or more component volume
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1ME3012-R82NF Datasheet(HTML) 3 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1ME3012-R82NF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-R82NF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-R82NF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-R82NF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-R82NF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-R82NF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-R82NF Datasheet HTML 7Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-R82NF Datasheet HTML 8Page - Accetek Electronics (Shenzhen) Co., Ltd. 1ME3012-R82NF Datasheet HTML 9Page - Accetek Electronics (Shenzhen) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
 
 
 
3 
1ME Series
Low Profile Shielded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                        Ver.:1ME‐2014A
Accetek 
D SPECIFICATIONS
Inductance1
DCR2
Drawing
Part Number
μH
Tolerance
Typ.(Ω)
Max.(Ω)
Irms3(A)
Isat4(A)
Fig.
1ME252010-R47NF
0.47
±30%
0.047
0.056
2.35
3.35
A
1ME252010-R68NF
0.68
±30%
0.062
0.074
2.00
2.75
A
1ME252010-1R0NF
1.0
±30%
0.090
0.108
1.65
2.20
A
1ME252010-1R5NF
1.5
±30%
0.152
0.182
1.30
2.10
A
1ME252010-2R2NF
2.2
±30%
0.174
0.209
1.20
1.60
A
1ME252010-3R3MF
3.3
±20%
0.273
0.328
0.90
1.30
A
1ME252010-4R7MF
4.7
±20%
0.469
0.563
0.70
1.15
A
1ME252010-6R8MF
6.8
±20%
0.747
0.896
0.59
0.92
A
1ME252010-100MF
10
±20%
0.910
1.092
0.50
0.78
A
1ME252012-R47NF
0.47
±30%
0.047
0.056
2.15
4.27
A
1ME252012-R68NF
0.68
±30%
0.057
0.068
1.95
3.68
A
1ME252012-1R0NF
1.0
±30%
0.069
0.083
1.93
2.90
A
1ME252012-1R2NF
1.2
±30%
0.099
0.119
1.46
2.67
A
1ME252012-1R5MF
1.5
±20%
0.113
0.136
1.40
2.51
A
1ME252012-2R2MF
2.2
±20%
0.166
0.199
1.15
2.07
A
1ME252012-2R7MF
2.7
±20%
0.184
0.221
1.09
1.92
A
1ME252012-3R3MF
3.3
±20%
0.203
0.244
1.04
1.80
A
1ME252012-3R6MF
3.6
±20%
0.268
0.322
0.90
1.64
A
1ME252012-4R3MF
4.3
±20%
0.290
0.348
0.87
1.53
A
1ME252012-4R7MF
4.7
±20%
0.290
0.348
0.84
1.25
A
1ME252012-5R1MF
5.1
±20%
0.385
0.462
0.75
1.37
A
1ME252012-5R6MF
5.6
±20%
0.414
0.497
0.73
1.25
A
1ME252012-6R2MF
6.2
±20%
0.417
0.500
0.73
1.16
A
1ME252012-6R8MF
6.8
±20%
0.447
0.536
0.69
1.09
A
1ME252012-7R5MF
7.5
±20%
0.470
0.564
0.68
1.09
A
1ME252012-8R2MF
8.2
±20%
0.506
0.607
0.65
1.10
A
1ME252012-9R1MF
9.1
±20%
0.531
0.637
0.62
1.02
A
1ME252012-100MF
10
±20%
0.531
0.637
0.62
0.88
A
1ME252012-120MF
12
±20%
0.827
0.992
0.51
0.88
A
1ME252012-150MF
15
±20%
1.224
1.469
0.42
0.77
A
1ME252012-220MF
22
±20%
1.520
1.824
0.38
0.59
A
1ME3010-1R0NF
1.0
±30%
0.065
0.085
1.45
1.40
B
1ME3010-1R5NF
1.5
±30%
0.080
0.104
1.30
1.27
B
1ME3010-2R2NF
2.2
±30%
0.110
0.143
1.09
1.15
B
1ME3010-2R7NF
2.7
±30%
0.130
0.169
1.02
1.00
B
1ME3010-3R3NF
3.3
±30%
0.145
0.189
0.96
0.97
B
1ME3010-3R6MF
3.6
±20%
0.165
0.215
0.90
0.95
B
1ME3010-4R7MF
4.7
±20%
0.225
0.293
0.77
0.75
B
1ME3010-6R8MF
6.8
±20%
0.305
0.397
0.66
0.55
B
1ME3010-100MF
10
±20%
0.400
0.520
0.58
0.55
B
1ME3010-120MF
12
±20%
0.505
0.657
0.52
0.43
B
1ME3010-150MF
15
±20%
0.610
0.793
0.47
0.42
B
1ME3010-220MF
22
±20%
0.930
1.209
0.38
0.35
B
1ME3010-270MF
27
±20%
1.080
1.404
0.35
0.30
B
1ME3010-330MF
33
±20%
1.550
2.015
0.30
0.29
B
1ME3010-390MF
39
±20%
1.750
2.275
0.28
0.28
B
1ME3010-430MF
43
±20%
1.800
2.340
0.27
0.23
B
1ME3010-470MF
47
±20%
1.950
2.535
0.26
0.22
B
1ME3010-510MF
51
±20%
2.200
2.860
0.25
0.21
B
1ME3010-560MF
56
±20%
2.320
3.016
0.24
0.21
B
1ME3012-R82NF
0.82
±30%
0.030
0.039
2.47
2.05
B
1ME3012-1R0NF
1.0
±30%
0.040
0.052
2.20
1.87
B
1ME3012-1R2NF
1.2
±30%
0.045
0.059
2.01
2.22
B
1ME3012-1R5NF
1.5
±30%
0.045
0.059
2.01
1.62
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com