Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1MK160809-R33MF Datasheet(PDF) 3 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MK160809-R33MF
Description  Ultra-low profile Multilayer Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MK160809-R33MF Datasheet(HTML) 3 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1MK160809-R33MF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MK160809-R33MF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MK160809-R33MF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
 
 
 
3 
1MK Series
Ultra-low profile Multilayer Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                         Ver.:1MK‐2014A
Accetek 
E TAPE AND REEL SPECIFICATIONS
A
B
C
E
D
W
P
P0
P1
T
H
T
Paper
Plastic
Case Size
Carrier
Parts per Reel
Reel Dimensions(REF)
Tape Dimensions(REF)
A
B
C
D
E
W
P
P0
P1
Tmax
H
1MK160805
Paper
5000
178
58
13
13
9.0
8
4
4
2
0.7
/
1MK160809
Paper
4000
178
58
13
13
9.0
8
4
4
2
1.1
/
1MK201206
Paper
5000
178
58
13
13
9.0
8
4
4
2
0.8
/
1MK201210
Plastic
3000
178
58
13
13
9.0
8
4
4
2
0.3
1.45
1MK201214
Plastic
3000
178
58
13
13
9.0
8
4
4
2
0.3
1.80
1MK201610
Plastic
3000
178
58
13
13
9.0
8
4
4
2
0.3
1.45
1MK201612
Plastic
3000
178
58
13
13
9.0
8
4
4
2
0.3
1.60
1MK252010
Plastic
3000
178
58
13
13
9.0
8
4
4
2
0.3
1.45
1MK252012
Plastic
3000
178
58
13
13
9.0
8
4
4
2
0.3
1.60
F RECOMMENDED SOLDER REFLOW PROFILE
Profile Feature
Recommended Conditions
Average ramp-up rate
3°C/second max.
(Tsmax to Tp)
Preheat
Temperature Min (Tsmin)
100°C
Temperature Max (Tsmax)
150°C
Time (Tsmin to Tsmax)(ts)
60-180 seconds
Time maintained above:
Temperature (TL)
217°C
Time (tL)
60-150 seconds
Peak Temperature (Tp)
See Table2
Time within 5°C of actual Peak
20-40 seconds
Temperature (tp)2
Ramp-down Rate
6°C/second max.
Time 25°C to Peak Temperature
8 minutes max
Package
Volume mm3
Volume mm3
Volume mm3
Thickness
<350
350 - 2000
>2000
< 1.6mm
260°C
260°C
260°C
1.6mm - 2.5mm
260°C
250°C
245°C
>2.5mm
250°C
245°C
245°C
Table 2
Table 1
1. The above profiles are based on IPC/JEDEC J-STD-020C.
2. Exceeding these conditions may cause lowered product
reliability.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com