Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1MT201210-R47MF Datasheet(PDF) 4 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 1MT201210-R47MF
Description  High Current Shielded Power Inductor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

1MT201210-R47MF Datasheet(HTML) 4 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  1MT201210-R47MF Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MT201210-R47MF Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MT201210-R47MF Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MT201210-R47MF Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MT201210-R47MF Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MT201210-R47MF Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MT201210-R47MF Datasheet HTML 7Page - Accetek Electronics (Shenzhen) Co., Ltd. 1MT201210-R47MF Datasheet HTML 8Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
 
 
 
4 
1MT Series
High Current Shielded Power Inductor
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                          1MT‐2014E
Accetek 
Inductance1
DCR2
Part Number
μH
Tolerance
Typ.(mΩ)
Max.(mΩ)
Irms3(A)
Isat4(A)
1MT0715-R68MF
0.68
±20%
10.5
12.0
8.5
12.0
1MT0715-R82MF
0.82
±20%
15.0
17.0
7.0
10.0
1MT0715-1R0MF
1.0
±20%
18.5
21.0
5.5
9.0
1MT0715-2R2MF
2.2
±20%
46.0
54.0
3.5
6.0
1MT0715-3R3MF
3.3
±20%
54.0
63.0
3.3
5.5
1MT0715-4R7MF
4.7
±20%
76.0
85.0
3.2
5.0
1MT0715-6R8MF
6.8
±20%
125.0
135.0
2.5
4.0
1MT0715-100MF
10
±20%
165.0
175.0
2.0
3.0
1MT0718-R10MF
0.10
±20%
2.0
2.5
18.0
45.0
1MT0718-R33MF
0.33
±20%
5.2
6.8
12.0
22.0
1MT0718-R47MF
0.47
±20%
7.3
8.4
11.0
18.0
1MT0718-R68MF
0.68
±20%
11.0
12.7
9.0
17.0
1MT0718-1R0MF
1.0
±20%
15.0
17.0
7.0
14.0
1MT0718-2R2MF
2.2
±20%
30.0
35.0
6.0
13.0
1MT0718-3R3MF
3.3
±20%
56.0
60.0
3.5
10.0
1MT0718-4R7MF
4.7
±20%
68.0
70.0
3.5
5.0
1MT0718-6R8MF
6.8
±20%
100.0
110.0
2.8
3.5
1MT0724-R10MF
0.10
±20%
1.5
1.7
30.0
70.0
1MT0724-R22MF
0.22
±20%
2.6
3.2
21.0
34.0
1MT0724-R33MF
0.33
±20%
3.5
4.1
18.0
24.5
1MT0724-R47MF
0.47
±20%
4.5
5.1
15.0
22.0
1MT0724-R56MF
0.56
±20%
5.9
6.5
13.0
17.0
1MT0724-R82MF
0.82
±20%
8.3
9.5
11.0
14.0
1MT0724-1R0MF
1.0
±20%
11.2
13.5
9.0
16.0
1MT0724-1R5MF
1.5
±20%
17.0
20.0
9.0
15.0
1MT0724-2R2MF
2.2
±20%
23.0
28.0
7.0
14.0
1MT0724-3R3MF
3.3
±20%
31.0
39.0
5.5
13.0
1MT0724-4R7MF
4.7
±20%
41.0
50.0
5.0
10.0
1MT0724-5R6MF
5.6
±20%
51.0
60.0
5.0
6.5
1MT0724-6R8MF
6.8
±20%
57.0
70.0
4.0
6.0
1MT0724-100MF
10
±20%
92.0
101.0
3.1
4.0
1MT0730-R10MF
0.10
±20%
1.5
1.7
32.5
60.0
1MT0730-R22MF
0.22
±20%
2.5
2.8
23.0
40.0
1MT0730-R33MF
0.33
±20%
3.5
3.9
20.0
30.0
1MT0730-R47MF
0.47
±20%
4.0
4.2
17.5
26.0
1MT0730-R56MF
0.56
±20%
4.7
5.0
16.5
25.5
1MT0730-R68MF
0.68
±20%
5.0
5.5
15.5
25.0
1MT0730-R82MF
0.82
±20%
6.7
8.0
13.0
24.0
1MT0730-1R0MF
1.0
±20%
9.0
10.0
11.0
22.0
1MT0730-1R5MF
1.5
±20%
14.0
15.0
9.0
18.0
1MT0730-2R2MF
2.2
±20%
18.0
20.0
8.0
14.0
1MT0730-3R3MF
3.3
±20%
28.0
30.0
6.0
13.5
1MT0730-4R7MF
4.7
±20%
37.0
40.0
5.5
10.0
1MT0730-6R8MF
6.8
±20%
54.0
60.0
4.5
8.0
1MT0730-8R2MF
8.2
±20%
54.0
60.0
4.5
6.0
1MT0730-100MF
10
±20%
62.0
68.0
4.0
5.5
1MT0730-220MF
22
±20%
160.0
185.0
2.5
3.0
1MT0750-R36MF
0.36
±20%
3.2
3.5
21.0
25.0
1MT0750-R40MF
0.40
±20%
3.2
3.5
20.0
23.0
1MT0750-R56MF
0.56
±20%
3.4
3.6
20.0
18.0
1MT0750-R68MF
0.68
±20%
3.9
4.2
18.0
17.0
1MT0750-R82MF
0.82
±20%
4.6
4.9
16.5
16.0
1MT0750-1R0MF
1.0
±20%
5.6
6.5
13.0
15.0
1MT0750-1R2MF
1.2
±20%
6.0
7.5
12.0
13.0
1MT0750-1R5MF
1.5
±20%
6.0
7.5
11.0
12.0
1MT0750-2R2MF
2.2
±20%
11.2
12.5
8.0
12.0
1MT0750-3R3MF
3.3
±20%
19.9
20.9
7.0
9.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com